Electronic Components Datasheet Search
  English  ▼

X  

ACE9030 Datasheet(PDF) 8 Page - Mitel Networks Corporation

Part # ACE9030
Description  Radio Interface and Twin Synthesiser
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

ACE9030 Datasheet(HTML) 8 Page - Mitel Networks Corporation

Back Button ACE9030 Datasheet HTML 4Page - Mitel Networks Corporation ACE9030 Datasheet HTML 5Page - Mitel Networks Corporation ACE9030 Datasheet HTML 6Page - Mitel Networks Corporation ACE9030 Datasheet HTML 7Page - Mitel Networks Corporation ACE9030 Datasheet HTML 8Page - Mitel Networks Corporation ACE9030 Datasheet HTML 9Page - Mitel Networks Corporation ACE9030 Datasheet HTML 10Page - Mitel Networks Corporation ACE9030 Datasheet HTML 11Page - Mitel Networks Corporation ACE9030 Datasheet HTML 12Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
8
ACE9030
ELECTRICAL CHARACTERISTICS
These characteristics apply over these ranges of conditions (unless otherwise stated):
T
AMB = – 40 °C to + 85 °C, all VDD = + 3·6 to + 5·0 V, GND ref. = VSS
A.C. Characteristics (continued)
Note
7. AUDIO signal quality is measured with feedback components as shown in figure 18 and with 500 mV peak to peak input to AFCIN.
Discriminator gain is set with D = 3 and M = 40 and V
DD = 3·75 V and a crystal at 14·85 MHz. SINAD is defined as the ratio of wanted signal
to all unwanted output, measured simultaneously with filters. The hum and noise figure is defined as the ratio of output power at AUDIO when
AFCIN is unmodulated to the output power when AFCIN is driven as specified above.
Parameter
Min.
Typ.
Max.
Unit
Conditions
LOW FREQUENCY AMPLIFIERS (1 and 2)
Voltage Gain
1200
2800
Input Offset
10
20
mV
Open loop input resistance
1
M
Ω
Open loop output resistance
8
k
Ω
Unity Gain bandwidth
2
MHz
Input bias current, inverting input
200
nA
Power supply rejection at 120 Hz, 10 kHz
40
50
dB
Output voltage maximum
V
DDA – 0·2
V
10 k
Ω to 6ND
Output voltage maximum, as a comparator
V
DDA – 0·1
V
10 k
Ω to 6ND
Output voltage minimum level
0·2
V
10 k
Ω to 6ND
Output voltage minimum level
0·1
V
10 k
Ω to 6ND
Common mode input range (LF1 1)
V
SSA
2.5
V
Common mode input range (LF1 2)
V
SSA
V
DDA
Output slew rate
0.15
0.25
V/
µs
Output load capacitance
30
pF
8 MHz OSCILLATOR and PLL
OSC8 centre frequency
8·064
MHz
OSC8 VCO sensitivity
25
MHz/V
OSC8 charge pump output current
50
µA
CLK8 output load, resistive:
15
25
100
k
Ω
capacitive:
15
25
30
pF
CLK8 output amplitude
0·8
1·0
2·4
V
pk-pk
CLK8 total output jitter
500
Hz
0 - 3 kHz
Start-up time at power-on, to default settings
15
ms
With a loop filter as
described in fig. 17
Lock time to within 125 ppm, after
reprogramming set-ups
15
ms
AFCIN F.M. DISCRIMINATOR and AFC
AFCIN input signal level
0·05
2·5
V
pk-pk
AFCIN input impedance, resistive:
50
k
Ω
capacitive:
10
pF
Input frequency
400
500
kHz
Input signal to integrated noise ratio
10
dB
I.F.
± 15 kHz.
Input Schmitt Hysteresis
8
mV
AUDIO signal SINAD, psophometric, note 7
40
45
dB
1 kHz tone at 3 kHz
AUDIO signal hum and noise, note 7
– 46
dB
peak deviation on
AUDIO output signal level, note 7
195
260
mV
rms
AFCIN input at I.F.
AFCOUT load
30
pF
AFCOUT duty cycle
37
63
%
AFCOUT rise and fall times
75
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com