Electronic Components Datasheet Search
  English  ▼

X  

ACE9030 Datasheet(PDF) 29 Page - Mitel Networks Corporation

Part # ACE9030
Description  Radio Interface and Twin Synthesiser
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

ACE9030 Datasheet(HTML) 29 Page - Mitel Networks Corporation

Back Button ACE9030 Datasheet HTML 25Page - Mitel Networks Corporation ACE9030 Datasheet HTML 26Page - Mitel Networks Corporation ACE9030 Datasheet HTML 27Page - Mitel Networks Corporation ACE9030 Datasheet HTML 28Page - Mitel Networks Corporation ACE9030 Datasheet HTML 29Page - Mitel Networks Corporation ACE9030 Datasheet HTML 30Page - Mitel Networks Corporation ACE9030 Datasheet HTML 31Page - Mitel Networks Corporation ACE9030 Datasheet HTML 32Page - Mitel Networks Corporation ACE9030 Datasheet HTML 33Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 39 page
background image
ACE9030
29
CHANNEL
MOBILE TRANSMIT
MOBILE RECEIVE
MAIN VCO
NUMBER
FREQUENCY (MHz)
FREQUENCY (MHz)
(MHz)
1329 or –719
872·0125
917·0125
962·0125
...
...
...
...
2047 or –1
889·9625
934·9625
979·9625
0
889·9875
934·9875
979·9875
1
890·0125
935·0125
980·0125
2
890·0375
935·0375
980·0375
3
890·0625
935·0625
980·0625
...
...
...
...
600
904·9875
949·9875
994·9875
An output to drive the phase comparator is generated
from the N1 load signal at the start of each cycle, giving a pulse
every (N1 + N2) counts and to help minimise phase noise in
the complete synthesiser this pulse is re-timed to be closely
synchronised to the FIM/FIMB input. During the N1 down
count the modulus control MODMP is held HIGH to select
prescaler ratio R1 and during the N2 up count it is LOW to
select R2, so the total count from the VCO to comparison
frequency is given by:
N
TOT = N1 x R1 + N2 x R2
but
R2 = R1 + 1
so
N
TOT = (N1 + N2) x R1 + N2
It can be seen from this equation that to increase the total
division by one (to give the next higher channel in many
systems) the value of N2 must be increased by one but also
that N1 must be decreased by one to keep the term (N1 + N2)
constant. It is normal to keep the value of N2 in the range 1 to
R1 by subtracting R1 whenever the channel incrementing
allows this (i.e. if N2 > R1) and to then add one to N1. These
calculations are different from those for many other synthesis-
ers but are not difficult.
The 12-bit up/down counter has a maximum value for N1
of 4095 and to give time for the function sequencing a
minimum limit of 3 is put on N1. There is no need for such large
values for N2 so its range is limited by the programming logic
to 8 bit numbers, 0 to 255 and to simplify the logic a set value
of 0 will give a count of 256. If a value of 0 for N2 is wanted then
N2 should be set instead to R1 and the value of N1 reduced
by (R1 + 1), also equal to R2.
To ensure consistent operation some care is needed in
the choice of prescaler so that the modulus control loop has
adequate time for all of its propagation delays. In the
synthesiser there is propogation delay T
DELAY
from the
FIM/FIMB input to the MODMP/MODMN output and in the
prescaler there will be a minimum time T
SET-UP from the change
in MODMP/MODMN to the next output edge on FIM/FIMB, as
shown in figure 27. For predictable operation the sum
T
DELAY + TSET-UP must be less than the period of FIM/FIMB or
otherwise, if the rising and falling edges of MODMP/N are
delayed differently, the prescaler might give the wrong bal-
ance of R1 and R2. This will often set a lower limit on the
frequency of FIM than that set by the ability of the counter to
clock at the FIM rate. For 900 MHz cellular telephones the use
of a
÷ 64/65 prescaler normally ensures safe timing.
Fractional-N
mode
operates
by
forcing
the
MODMP/MODMN outputs to the R2 state for the last count of
the N1 period whenever the Fractional-N accumulator over-
flows, effectively adding one to N2 and subtracting one from
N1, and so increases the total division ratio by one for each
overflow. The effect of this is to increase the average division
ratio by the required fraction.
PROGRAMMING EXAMPLE FOR BOTH SYNTHESISERS
Each channel is 25 kHz wide but as the channel edges are
put onto the whole 25 kHz steps the centre frequencies all
have an odd 12·5 kHz. This is not ideal for the synthesiser but
does give the maximum number of channels in the allocated
band.
The mobile receive channels are a fixed 45 MHz above
the corresponding transmit frequency, as is the case with most
cellular systems. In the ACE9030 the intention is to use the
main synthesiser to generate the receiver local oscillator at the
first I.F. above the mobile receive carrier, and to then mix the
auxiliary synthesiser frequency with this to produce the trans-
mit frequency. A typical I.F. is 45 MHz, leading to an auxiliary
frequency of 90 MHz and a crystal of 14·85 MHz with a tripler
for the second local oscillator, and a final I.F. of 450 kHz.
The channel numbers and corresponding frequencies
are shown in table 6.
To illustrate the choice of programming numbers consider
the ETACS system as now used in the UK.
This began as TACS with 600 channels (numbered 1 to
600) from 890 to 905 MHz (mobile transmit) with the provision
to expand by 400 channels (601 to 1000) from 905 to 915 MHz.
This additional spectrum was given over to GSM use before
TACS needed expanding, so TACS was later extended by 720
extra channels from 872 to 890 MHz, to form ETACS and
leaving a somewhat odd channel numbering system. The
channel numbers are stored as 11-bit binary numbers and are
listed here as both negative numbers to follow on downwards
from channel 1 and also as large positive numbers as these
are the preferred names. These two numbering schemes are
really the same, as the MSB of a binary number can be
interpreted as either a sign bit (2’s complement giving the
negative values) or as the bit with the highest weight (1024 for
an 11 bit number, giving the large positive values).
Table 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com