Electronic Components Datasheet Search
  English  ▼

X  

ACE9030 Datasheet(PDF) 36 Page - Mitel Networks Corporation

Part # ACE9030
Description  Radio Interface and Twin Synthesiser
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

ACE9030 Datasheet(HTML) 36 Page - Mitel Networks Corporation

Back Button ACE9030 Datasheet HTML 31Page - Mitel Networks Corporation ACE9030 Datasheet HTML 32Page - Mitel Networks Corporation ACE9030 Datasheet HTML 33Page - Mitel Networks Corporation ACE9030 Datasheet HTML 34Page - Mitel Networks Corporation ACE9030 Datasheet HTML 35Page - Mitel Networks Corporation ACE9030 Datasheet HTML 36Page - Mitel Networks Corporation ACE9030 Datasheet HTML 37Page - Mitel Networks Corporation ACE9030 Datasheet HTML 38Page - Mitel Networks Corporation ACE9030 Datasheet HTML 39Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 36 / 39 page
background image
36
ACE9030
Fig. 31 Complete cellular terminal, showing details of ACE9030 typical application.
ACE9030
RADIO INTERFACE &
TWIN SYNTHESISER
MODMP
MODMN
TEST
PDA
VDDSUB
DOUT3
DOUT4
AMPP2
AMPN2
DAC3
AMPP1
AMPN1
AMP01
ADC2A
ADC2B
ADC4
DOUT0
VDDX
DOUT1
VDDA
VSSA
LO2
ADC1
ADC3A
ADC3B
ADC5
DOUT8
DAC2
DAC1
DOUT2
CIN1
CIN2
VCC
n.c.
n.c.
VCC_RX
RSET_RXLO
RXVCOIN
GND_RX
VCC_TXOSO
TXOSC-
TXOSC+
GND_DIV
RATIO_SEL
DIV_OUT-
DIV_OUT+
PD_1
PD_2
GND
BIAS_REF
VCC_TX
TXPA+
TXPA-
RSET_TXPA
GND_TXOSC
TANK+
TANK-
VCC_DIV
GND_OSC
MOD_CNTAL
FIRST
I.F. AT
45 MHz
RX BAND
RX SIGNAL
LNA
DUPLEXER &
R.F. FILTERS
5V
5V
5V
5V
CONTROL
VOLTAGE
MATCHING
MAIN
LOOP
FILTER
450
KHz
RSSI
5V
5V
5V
5V
L.O. TO
SECOND
MIXER
MULTIPLIER
TUNED
CIRCUIT
5V
8 MHz PLL
LOOP
FILTER
5V
5V
5V
RSSI
TX POWER SENSE
TEMPERATURE SENSE
CRYSTAL OSCILLATOR
5V
SECOND I.F. SIGNAL
(450 KHz)
POWER SUPPLY TO BE
DECOUPLED EXTENSIVELY
AUDIO
BAND-
PASS
FILTER
ACE9050
SYSTEM CONTROLLER
ACE9040
AUDIO
PROCESSOR
MEMORY
USER INTERFACE
KEYPAD & DISPLAY
ADDR
DATA
CONTROL & DATA
EARPIECE
M.O.
BATTERY LEVEL SENSOR
TX POWER
CONTROL
OPTIONAL
BUFFER
FOR DAC3
{
5V
TX POWER
REF. LEVEL
5V
5V
VHF VCC
TANK
TX
PA
TX SIGNAL
5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com