Electronic Components Datasheet Search
  English  ▼

X  

ACE9040 Datasheet(PDF) 12 Page - Mitel Networks Corporation

Part # ACE9040
Description  Audio Processor Advance Information
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

ACE9040 Datasheet(HTML) 12 Page - Mitel Networks Corporation

Back Button ACE9040 Datasheet HTML 8Page - Mitel Networks Corporation ACE9040 Datasheet HTML 9Page - Mitel Networks Corporation ACE9040 Datasheet HTML 10Page - Mitel Networks Corporation ACE9040 Datasheet HTML 11Page - Mitel Networks Corporation ACE9040 Datasheet HTML 12Page - Mitel Networks Corporation ACE9040 Datasheet HTML 13Page - Mitel Networks Corporation ACE9040 Datasheet HTML 14Page - Mitel Networks Corporation ACE9040 Datasheet HTML 15Page - Mitel Networks Corporation ACE9040 Datasheet HTML 16Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
12
ACE9040
ELECTRICAL CHARACTERISTICS
These characteristics are guaranteed over the following conditions unless otherwise stated (Note 1):
T
AMB = – 40 °C to + 85 °C, V
DD = 3.6 V to 5.0 V
Fig.3a Serial Interface Input Timing
Characteristic
Symbol
Value
Unit
Conditions
Min.
Typ.
Max.
DC Characteristics
Logic input high
V
IH
0.7 x V
DD
V
DD + 0.3
V
Logic input low
V
IL
- 0.3
0.3 x V
DD
V
Input Capacitance
C
in
10
pF
logic inputs leakage current
I
ILK
± 1
µA
SCLK, SD, LEN inputs
V
DD = 3.6 V & 0.0 V
AC Characteristics
Clock input frequency: Serial
f
CLK
1.008
MHz
interface & SC Filters
-100
100
ppm
Deviation from 1.008 MHz
Clock duty cycle
D
40
50
60
%
Number of clock rising edges to
24
clock
input data
cycles
Clock cycles between latch pulses
30
clock
on LEN
cycles
Clock cycles before power-up and
8
clock
after powerdown
cycles
Data setup time
t
ds
80
ns
V
DD = 3.75 V ± 0.1 V.
Data hold time
t
dh
80
ns
T
A = - 40 °C to + 85 °C
Clock low
t
cll
400
600
ns
Clock high
t
clh
400
600
ns
Clock high to latch high
t
cl
440
ns
Latch high to clock high
t
lc
220
ns
Latch high
t
lh
240
ns
Rise and fall times
50
ns
All digital inputs
Power Supply Rejection Ratio:
PSRR
V
DD = 3.8 V + 100 mVpp (a.c.)
COMP[2:1] = 00.
TX path (LI to TLPO)
– 12
dB
LI = 0 dB, V485 = 13.5 dB
INPSENSE = 0 dB, softlimit on.
RX path (RXI to EPOP)
– 20
dB
AUDIODEV, RXSENSE = 0 dB
THF, RHF, EARSENSE = 0 dB
RXV, SIDETONE off.
Crosstalk TX to RX
-45
dB
MOD = 0.2 V
RMS
(MOD to EPOP/EPON)
tlh
tcl
tlc
tclh
tcll
tds
tdh
SCLK
Data
Latch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com