Electronic Components Datasheet Search
  English  ▼

X  

ACE9040 Datasheet(PDF) 20 Page - Mitel Networks Corporation

Part # ACE9040
Description  Audio Processor Advance Information
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

ACE9040 Datasheet(HTML) 20 Page - Mitel Networks Corporation

Back Button ACE9040 Datasheet HTML 16Page - Mitel Networks Corporation ACE9040 Datasheet HTML 17Page - Mitel Networks Corporation ACE9040 Datasheet HTML 18Page - Mitel Networks Corporation ACE9040 Datasheet HTML 19Page - Mitel Networks Corporation ACE9040 Datasheet HTML 20Page - Mitel Networks Corporation ACE9040 Datasheet HTML 21Page - Mitel Networks Corporation ACE9040 Datasheet HTML 22Page - Mitel Networks Corporation ACE9040 Datasheet HTML 23Page - Mitel Networks Corporation ACE9040 Datasheet HTML 24Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 33 page
background image
20
ACE9040
CIRCUIT OPERATING MODES
ACE9040 has three operating modes: Operate, Standby
and Sleep. In Operate mode all parts of the circuit are active,
except for any explicitly powered down and the DTMF genera-
tor which only powers up when tones are generated. The pin
STBY is pulled high in Operate mode to supply V
DD to external
audio circuits, such as a compander.
Standby Mode
Standby mode is used when the cellular terminal is
waiting for a call and is selected by an “Operation mode”
control message with bit PD at “1”. In this mode all analog
circuits, data paths, filters and their clock drivers are powered
down giving a greatly reduced supply current. In standby
mode all switch and level controls retain their previous state,
the pin STBY is not driven removing the V
DD supply from
external circuits. To leave Standby mode an operate com-
mand should be given by using an “Operation mode” control
message with bit PD at “0”.
Sleep Mode
Sleep mode is the same as Standby but without a clock
input. To enter sleep mode the standby command should be
given and after a delay of at least 20
µs the SCLK clock
stopped. To wake-up from sleep mode, the the SCLK clock
must be started and after a delay of at least 100
µs an operate
command given.
Power on Reset
At power up ACE9040 is put into Standby mode.
ACE9040 is set up by the controlling processor via the serial
interface using four control messages: “Operation”, “Initializ-
ing mode 0”, “Initializing mode 1” and “Handsfree”. Usually
the “Operation” control message would be sent last as it
contains the power down/up bit PD.
CELLULAR SYSTEM SELECTION
Two control bits are used to set the filter responses and
gain levels for the AMPS or TACS cellular systems. These bits
are TACS in control message “Initializing mode 1” and AMPS
in control message “Handsfree mode” and select the system
as shown in table 19.
Fig. 11 Transmit Voice Path
TRANSMIT VOICE PATH
Table 19 Cellular System Selection
Bits
System
AMPS
TACS
Selected
0
0
Not valid
0
1
TACS
1
0
AMPS
1
1
Not valid
SLO
IPS
10nF
SOFTLIMIT
0 to -30dB
LI
22/32 dB
MIG
MLI
MI
MIC.AMP
MIS
SOFT
LIMIT
3 and 97%
LEVELS
DETECT
-7dB TACS
-11dB AMPS
Compressor bypass
0dB AMPS/TACS
92% LEVEL
DETECT
TEST[1:0]
GAIN
CONTROL
COMP[2:1]
0dB @ 1kHz
+6dB/octave
PRE-
EMPAHSIS
PREEMPH
+15.4dB @ 3.75V
+16dB @ 4.85V
HARD
LIMIT
-8dB
TXLPF
TEST[1:0]
DTMF
INSPENSE
TEST[0]
-2.8 to + 3.2dB
AUDEV[3:0]
AUDIODEV
VMIDTX
TXM
TLPO
DRIVER
COMPRESSOR
2dB : 1dB
COMP[2:1]
TLPO
PREIN
33nF
100nF
82nF
COUT
VMIDTX
CRCIN
CRCOUT
CIN
VMIDTX
10nF
SIDETONE
TO RECEIVE
VOICE PATH
HFGAIN
TXBF
TBPO
HF
TXC
68nF
RXC
HFS
HANDSFREE
RECTIFIER
0 to -49dB
THF[2:0]
0dB
NOM 8dB
-4 to +20.8dB
INPS[4:0]
DTMFM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com