Electronic Components Datasheet Search
  English  ▼

X  

DW9255 Datasheet(PDF) 2 Page - Mitel Networks Corporation

Part # DW9255
Description  35.42MHz SAW Filter for GPS Receivers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

DW9255 Datasheet(HTML) 2 Page - Mitel Networks Corporation

  DW9255 Datasheet HTML 1Page - Mitel Networks Corporation DW9255 Datasheet HTML 2Page - Mitel Networks Corporation DW9255 Datasheet HTML 3Page - Mitel Networks Corporation DW9255 Datasheet HTML 4Page - Mitel Networks Corporation DW9255 Datasheet HTML 5Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DW9255
2
ELECTRICAL CHARACTERISTICS (Typ. @ 25
°C)
Parameter
Min
Typ
Max
Units
Centre Frequency
-
35.42
-
MHz
1dB Bandwidth
1.6
1.9
-
MHz
Insertion Loss
16
17
18
dB
Amplitude Ripple
-
0.8
1.6
dB (pk to pk)
(34.62 to 36.22MHz)
Relative Attenuation
<28MHz
35
40
-
dB
(relative to insertion loss) <31MHz
30
35
-
dB
<33.5MHz
21
25
-
dB
>37.5MHz
21
25
-
dB
>40MHz
25
30
-
dB
>50MHz
30
40
-
dB
>63MHz
28
35
-
dB
>73 - 110MHz
40
45
-
dB
Group Delay Ripple
-
190
300
ns
(34.62 to 36.22MHz)
Maximum Group Delay
-
1.6
1.7
µs
(34.62 to 36.22MHz)
Operating Temperature Range
-40
-
+85
°C
Fig.2 DW9255 used with GPS chipset
1st IF Filter
DW9255
GP2010/15
RF Front End
GP2021
12 channel
Correlator
+ Support
Functions
Clock
Crystal
TCXO
GPS Antenna
SAW
LNA
2 x Serial
Communications Ports
(Programmable UARTS)
DATA BUS
ADDRESS BUS
TO
PROCESSOR



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com