Electronic Components Datasheet Search
  English  ▼

X  

DW9255 Datasheet(PDF) 4 Page - Mitel Networks Corporation

Part # DW9255
Description  35.42MHz SAW Filter for GPS Receivers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

DW9255 Datasheet(HTML) 4 Page - Mitel Networks Corporation

  DW9255 Datasheet HTML 1Page - Mitel Networks Corporation DW9255 Datasheet HTML 2Page - Mitel Networks Corporation DW9255 Datasheet HTML 3Page - Mitel Networks Corporation DW9255 Datasheet HTML 4Page - Mitel Networks Corporation DW9255 Datasheet HTML 5Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
DW9255
4
MIX
2
O/P
MIX
3
I/P
2.2
µH
L2
L1
VCC
SOURCE
IMPEDANCE
= 500
Ω
LOAD
IMPEDANCE
= 1K
Ω
COILCRAFT
1008
IP+
IP-
OP+
OP-
DW9255
GP2010
L1, L2 = 560nH COILCRAFT 1008
Fig.5 50
Ω Matching network
Fig.4 Typical matching components when used with GP2010 or GP2015 GPS Front-end IC
IP+
IP-
OP+
OP-
DW9255
910nF
COILCRAFT 1008
680nH
COILCRAFT 1008
15pF VITRAMON
(VJ0805A150JXA)
Pin 1 = IP-
Pin 2 = IP+
Pin 7 = OP+
Pin 8 = OP-
GP2010 or GP2015



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com