Electronic Components Datasheet Search
  English  ▼

X  

DW9255 Datasheet(PDF) 3 Page - Mitel Networks Corporation

Part # DW9255
Description  35.42MHz SAW Filter for GPS Receivers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

DW9255 Datasheet(HTML) 3 Page - Mitel Networks Corporation

  DW9255 Datasheet HTML 1Page - Mitel Networks Corporation DW9255 Datasheet HTML 2Page - Mitel Networks Corporation DW9255 Datasheet HTML 3Page - Mitel Networks Corporation DW9255 Datasheet HTML 4Page - Mitel Networks Corporation DW9255 Datasheet HTML 5Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
DW9255
3
DW9255 used as 2nd IF filter for GP2010/15
Centre Frequency
35.42MHz
Pass Band
±1.0MHz (within ±1.0dB)
Insertion loss
14-18dB
3rd IF Image frequency at 2nd IF
26.8MHz
Source Impedance
500
Ω typical
Load Impedance
1000
Ω typical
The second external IF filter is connected between the output
of Stage 2 and input of Stage 3. It is required to define the
bandwidth of the RF section of the GPS receiver, hence it is
critical to the receiver performance. The filter should be flat
across the 2MHz bandwidth of the GPS Coarse-Acquisition
(C/A) code signal. It should also have high rejection (greater
than 20dB) beyond this bandwidth, and so should have a brick-
wall type response at these extremes. The DW9255 SAW
filter provides a 1dB Bandwidth of typically 1.9MHz centred on
35.42MHz, with a typical pass band ripple of 0.8dB, when the
SAW input and output capacitance is resonantly matched with
inductors of optimum value. The out-of-band signal rejection is
better than 21dB at
±2.0MHz, and better than 35dB at
±7.5MHz.
The frequency response of the DW9255 SAW filter with
matching components is shown in Fig. 3.
The matching
components used with the GP2010/15 device are shown in
Fig. 4.
Fig.3 Typical frequency response of DW9255 SAW filter used as 2nd IF filter
-40
-35
-30
-25
-20
-15
-10
-5
0
5
32
33
34
35
36
37
38
FREQUENCY (MHz)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com