Electronic Components Datasheet Search
  English  ▼

X  

MH89625C Datasheet(PDF) 13 Page - Mitel Networks Corporation

Part # MH89625C
Description  OPS/DID PCM SLIC Preliminary Information
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MH89625C Datasheet(HTML) 13 Page - Mitel Networks Corporation

Back Button MH89625C Datasheet HTML 8Page - Mitel Networks Corporation MH89625C Datasheet HTML 9Page - Mitel Networks Corporation MH89625C Datasheet HTML 10Page - Mitel Networks Corporation MH89625C Datasheet HTML 11Page - Mitel Networks Corporation MH89625C Datasheet HTML 12Page - Mitel Networks Corporation MH89625C Datasheet HTML 13Page - Mitel Networks Corporation MH89625C Datasheet HTML 14Page - Mitel Networks Corporation MH89625C Datasheet HTML 15Page - Mitel Networks Corporation MH89625C Datasheet HTML 16Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
2-281
Preliminary Information
MH89625C
Figure 3 - Typical Line Card Application
Tip
Ring
RF2
RF1
RD4
RD1
RD2
RD3
VRLY
VDD
VEE
AGND RGND
LCA
VBat
LGND
VAC
SHK
LED
GS
DSTi
DSTo
C2i
CA
CSTi
F1i
VREF
TOUT
ROUT
TIN
RIN
Test
Out
Test
In
Tip
Ring
K4A
K4B
K3A
K3B
8
3
5
6
K1B
K2B
K1A
K2A
D1
D2
D3
D4
C1
R1
R2
Q1
to other
circuit
Heat sink 9
oC/W
1
2
7
8
22
20
19
21
23
31
9
30
18
17
12
16
24
14
15
13
35
11
10
34
36
37
32
-48V
90VRMS25Hz
PTC
-48V
290V
TISP
-5V
K4 RELAY
K1 RELAY
K2 RELAY
K3 RELAY
+5V
-5V
Components
D1,D2,D3,D4 IN4004
Q1 = FET BUZ 22 or equivalent
R1 = 10k
Ω +5% 1/4W
R2 = 1k
Ω + 5% 1/4W
C1 = 0.01
µF + 10% 100V
PTC = 55
Ω, 50mA
MH89625C
MH80625C
-48V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com