Electronic Components Datasheet Search
  English  ▼

X  

MH89625C Datasheet(PDF) 6 Page - Mitel Networks Corporation

Part # MH89625C
Description  OPS/DID PCM SLIC Preliminary Information
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MH89625C Datasheet(HTML) 6 Page - Mitel Networks Corporation

Back Button MH89625C Datasheet HTML 2Page - Mitel Networks Corporation MH89625C Datasheet HTML 3Page - Mitel Networks Corporation MH89625C Datasheet HTML 4Page - Mitel Networks Corporation MH89625C Datasheet HTML 5Page - Mitel Networks Corporation MH89625C Datasheet HTML 6Page - Mitel Networks Corporation MH89625C Datasheet HTML 7Page - Mitel Networks Corporation MH89625C Datasheet HTML 8Page - Mitel Networks Corporation MH89625C Datasheet HTML 9Page - Mitel Networks Corporation MH89625C Datasheet HTML 10Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
2-274
MH89625C
Preliminary Information
† DC Electrical Characteristics are over Recommended Operating Conditions with VDD at +5.0V ± 5% and VEE at -5.0V ±5% unless otherwise
stated.
‡ Typical figures are at 25
°C with nominal ± 5V supplies and are for design aid only.
x Supply current and power consumption characteristics are over Recommended Operating Conditions with VDD at 5.0V, VEE at -5.0V
and VBAT at -48.0V
y The LED output consists of a 2.2k
Ω resistor in series with the SHK HCT output.
NOTE 1: Powerdown mode is activated through the CSTi input data stream. Refer to Table 2.
DC Electrical Characteristics†
Characteristics
Sym
Min
Typ‡
Max
Units
Test Conditions
1
Supply and Battery Current x
Short Loop
Open Loop
IDD
IEE
IBAT
IBAT
8.7
8.4
23.5
1.5
15
15
28
2
mA
mA
mA
mA
LCA = Open
RLoop = 0Ω
RLoop = Open
2
Power Consumption x
On-Hook (VBAT)
Powerdown (VDD and VEE)
Off-Hook (VDD,VEE,VBAT)
PC
100
150
1500
mW
mW
mW
LCA = Open
RLoop =Open
RLoop = 0Ω
3REF
DC Reference Voltage
Mean Current
2
µA
4SHK
Low Level Output Voltage
High level Output Voltage
VOL
VOH
-0.3
3.7
0.5
5.25
V
V
IOL = 2mA
IOH = 2mA
5LED
Low Level Output Voltage y
High Level Output Voltage
VOL
VOH
2.0
3.0
V
V
IOL = 1.1mA
IOH = 0.7mA
6RD1
RD2
RD3
RD4
Sink Current, Relay to VDD
Clamp Diode Current
IOL
ICD
65
100
mA
mA
VOL = 1.0V
7GS
Low Level Input Voltage
High Level Input Voltage
VIL
VIH
2.0
0.8
V
V
8
Low Level Input Current
High Level Input Current
IIL
IIH
1
1
µΑ
µΑ
VIL = 0V
VIH = 5.0V
9
CA
RD
Low Level Input Voltage
Intermediate Input Voltage
High Level Input Voltage
VIL
VIM
VIH
0.0
2.4
-3.5
0.8
V
V
V
10
Low Level Input Current
High Level Input Current
High Level Input Current
IIL
IIM
IIH
10
10
10
µA
µA
VIL = 5.0V
VIM = 0.5V
VIH = 5.0V
11
DSTo
Low Level Output Voltage
High Level Input Voltage
Tri-State Leakage Current
VOL
VOH
IOZ
4.0
0.1
0.4
V
V
mA
IOL = 1.6mA
IOH = 0.1mA
12
CSTi
DSTi
C2i
F1i
Low Level Input Voltage
High Level Input Voltage
VIL
VIH
2.4
0.8
V
V
13
Low Level Input Current
High Level Input Current
IIL
IIH
10
10
µA
µA
VIL = 0V
VIH = 5.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com