Electronic Components Datasheet Search
  English  ▼

X  

MH89625C Datasheet(PDF) 2 Page - Mitel Networks Corporation

Part # MH89625C
Description  OPS/DID PCM SLIC Preliminary Information
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MH89625C Datasheet(HTML) 2 Page - Mitel Networks Corporation

  MH89625C Datasheet HTML 1Page - Mitel Networks Corporation MH89625C Datasheet HTML 2Page - Mitel Networks Corporation MH89625C Datasheet HTML 3Page - Mitel Networks Corporation MH89625C Datasheet HTML 4Page - Mitel Networks Corporation MH89625C Datasheet HTML 5Page - Mitel Networks Corporation MH89625C Datasheet HTML 6Page - Mitel Networks Corporation MH89625C Datasheet HTML 7Page - Mitel Networks Corporation MH89625C Datasheet HTML 8Page - Mitel Networks Corporation MH89625C Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2-270
MH89625C
Preliminary Information
Figure 2 - Pin Connections
Pin Description
Pin #
Name
Description
1TIP
Tip Lead. Connects to the “Tip” lead of the telephone line.
2
RING
Ring Lead. Connects to the “Ring” lead of the telephone line.
3IC
Internal Connection: This pin is internally connected.
4IC
Internal Connection: This pin is internally connected.
5IC
Internal Connection: This pin is internally connected.
6RF1
Ring Feed 1: For OPS operation, connects to the external battery backed ringing
generator, see Figure 2.
7RF2
Ring Feed 2: For OPS operation, connects to RING through a normally closed relay
contact (K1), see Figure 2.
8IC
Internal Connection. This pin is internally connected.
9VEE
Negative Supply Voltage: (-5V)
10
SHK
Switch Hook Detect (Output): A logic low indicates an off-hook condition.
11
LED
LED Drive (Output): Drives an LED directly through an internal 2.2k
Ω resistor. A logic
low indicates an off-hook condition.
12
CSTi
Control ST-BUS in (Input): A TTL compatible digital input used to control the function
of the filter/codec. Three modes of operation may be affected by applying to this input
logic high, logic low or an 8-bit serial word, depending on the logic states of CA and F1i.
Functions controlled are: power down, filter gain adjust, loopback, chip testing, and the
SD outputs which control the relay drivers, ring trip circuitry and impedance selection.
13
DSTi
Data ST-BUS in (Input): A TTL compatible digital input which accepts the 8-bit PCM
word from the incoming PCM bus.
14
C2i
Clock Input (Input): A TTL compatible digital input which accepts the 2048 kHz clock.
15
DSTo
Data ST-BUS Out (Output). A three stage TTL compatible digital output which drives
the 8-bit PCM word to the outgoing PCM bus.
16
F1i
Synchronization Input (Input): A TTL compatible active low digital input enabling (in
conjunction with CA) the PCM input, PCM output and digital control input. It is internally
sampled on every positive edge of the clock, C2i, and provides frame and channel
synchronization.
IC
IC
VBAT
LGND
GS
VAC
IC
LCA
VDD
AGND
IC
IC
IC
IC
IC
VREF
VRLY
RD4
RD3
IC
RING
IC
IC
IC
RF1
RF2
IC
VEE
SHK
LED
CSTi
DSTi
C2i
DSTo
F1i
CA
RGND
RD2
RD1
TIP
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com