Electronic Components Datasheet Search
  English  ▼

X  

ACE711E Datasheet(PDF) 4 Page - ACE Technology Co., LTD.

Part # ACE711E
Description  2A, Step-Up DC - DC Regulator 20V
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE711E Datasheet(HTML) 4 Page - ACE Technology Co., LTD.

  ACE711E Datasheet HTML 1Page - ACE Technology Co., LTD. ACE711E Datasheet HTML 2Page - ACE Technology Co., LTD. ACE711E Datasheet HTML 3Page - ACE Technology Co., LTD. ACE711E Datasheet HTML 4Page - ACE Technology Co., LTD. ACE711E Datasheet HTML 5Page - ACE Technology Co., LTD. ACE711E Datasheet HTML 6Page - ACE Technology Co., LTD. ACE711E Datasheet HTML 7Page - ACE Technology Co., LTD. ACE711E Datasheet HTML 8Page - ACE Technology Co., LTD. ACE711E Datasheet HTML 9Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
ACE711E
2A, Step-Up DC/DC Regulator 20V
VER 1.2
4
Electrical Characteristics
Parameter
Conditions
Min
Typ
Max
Units
Input Voltage Range
2.7
6
V
Input UVLO
Rising
2.00
2.32
2.6
V
UVLO HYS
140
mV
FB Feedback Voltage
VIN=VEN=3.6V
194
200
206
mV
FB Input Current
50
nA
Quiescent Current at IN
Switching at lout=0
1.8
mA
No Switching
0.25
mA
Shutdown Supply Current at IN
VEN=GND
5
uA
Switching Frequency
VIN<4.3V
0.8
1
1.2
MHz
Maximum Duty Cycle
90
%
NMOS Switch On Resistance
Lsw=100mA
0.1
Ω
NMOS Switch Current Limit
2.5
A
SW Leakage
Current
VSW=0 or 20V, VEN=GND
10
uA
EN Input
Low Voltage
0.6
V
EN Input High Voltage
1.2
V
Thermal Shutdown
Rising, Hysteresis=10°C
150
℃
Typical Characteristics
(Typical values are at TA = 25℃ unless otherwise specified.)
ACE711E 5V output efficiency
ACE711E 12V output efficiency



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com