Electronic Components Datasheet Search
  English  ▼

X  

ACE711E Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE711E
Description  2A, Step-Up DC - DC Regulator 20V
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE711E Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE711E Datasheet HTML 1Page - ACE Technology Co., LTD. ACE711E Datasheet HTML 2Page - ACE Technology Co., LTD. ACE711E Datasheet HTML 3Page - ACE Technology Co., LTD. ACE711E Datasheet HTML 4Page - ACE Technology Co., LTD. ACE711E Datasheet HTML 5Page - ACE Technology Co., LTD. ACE711E Datasheet HTML 6Page - ACE Technology Co., LTD. ACE711E Datasheet HTML 7Page - ACE Technology Co., LTD. ACE711E Datasheet HTML 8Page - ACE Technology Co., LTD. ACE711E Datasheet HTML 9Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
ACE711E
2A, Step-Up DC/DC Regulator 20V
VER 1.2
1
Description
The ACE711E is a high efficiency step-up converter with an internally integrated 20V power MOSEFT.
It runs with an optimal 1MHz frequency that enables the use of small external components while still
providing the best efficiency. It can drive up to 2A output current. The incorporated true PWM-Diming
feature through EN pin enable one further digitally program the output voltage lower. For maximum
protection, the ACE711E has an OVP protection feature that prevents the output voltage exceeding the
maximum rating of the ACE711E and the output cap during open conditions.
Features
• Up to 95% Efficiency
• 20V OVP protection
• True PWM Brightness Control
• 200mV Feedback Voltage
• 2.5A current limit
• SOT23-6 Package
Application
• Portable power bank
• Powering 3G module
• Large LCD display backlight driving up to 90 LEDs
• Satellite STB
• Bluetooth Speaker
• Large TFT screen bias
• Other application which needs high voltage and high current generation
Absolute Maximum Ratings
(Note: Exceeding these limits may damage the device. Exposure to absolute maximum rating conditions for long periods may
affect device reliability.)
Parameter
Value
SW Voltage
-0.3V~25V
All Other PIN Voltages
-0.3V~6.5V
SW to ground current
Internally limited
Operating Temperature Range
-40℃~85℃
Storage Temperature Range
-55℃~150℃
Thermal Resistance
SOT-23-6
ΘJA
ΘJC
130
50
℃/W


Similar Part No. - ACE711E

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE710 ACE-ACE710 Datasheet
628Kb / 8P
0.9V startup, 0.6A 3.3V/5V Synchronous Boost DC/DC Converter
VER 1.3
ACE710C ACE-ACE710C Datasheet
639Kb / 8P
1A Synchronous PWM Boost converter
VER 1.1
ACE7125Y ACE-ACE7125Y Datasheet
197Kb / 3P
High Efficiency 1MHz, 2.1A Step Up Regulator
VER 1.1
ACE712E ACE-ACE712E Datasheet
432Kb / 8P
5V - 2A Output, 1MHz Synchronous Step-Up Converter with DCP emulator
VER 1.1
ACE713C ACE-ACE713C Datasheet
414Kb / 4P
High Efficiency 1.25MHz, 2.5A Boost Regulator
VER 1.2
More results

Similar Description - ACE711E

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS6101 ADMOS-AMS6101 Datasheet
497Kb / 5P
2A SWITCH STEP-UP DC/DC CONVERTER
logo
Orister Corporation
RS6508A ORISTER-RS6508A Datasheet
517Kb / 10P
2A, 20V, 1.2MHz DC/DC Asynchronous Step?륞own Converter
RS6510 ORISTER-RS6510 Datasheet
501Kb / 10P
2A, 20V, 400KHz DC/DC Asynchronous Step?륞own Converter
RS6510A ORISTER-RS6510A Datasheet
517Kb / 10P
2A, 20V, 1.2MHz DC/DC Asynchronous Step?륞own Converter
RS6512 ORISTER-RS6512 Datasheet
534Kb / 10P
2A, 20V, 400KHz DC/DC Asynchronous Step?륞own Converter
RS6512A ORISTER-RS6512A Datasheet
514Kb / 10P
2A, 20V, 1.2MHz DC/DC Asynchronous Step?륞own Converter
logo
ELM Electronics
ELM613DA ELM-ELM613DA Datasheet
1Mb / 11P
2A, 20V, 550kHz, synchronous step-down DC/DC converter
logo
Shenzhen Huazhimei Semi...
HM1549 HMSEMI-HM1549 Datasheet
711Kb / 6P
2A High Efficiency Step-Up DC/DC Voltage Regulator
logo
Princeton Technology Co...
RS6512 PTC-RS6512 Datasheet
350Kb / 4P
2A, 20V, 400KHz DC/DC Asynchronous Step-Down Converter
logo
AiT Semiconductor Inc.
A7642 AITSEMI-A7642 Datasheet
523Kb / 9P
DC-DC CONVERTER/BOOST (STEP-UP) 20V, 1MHz, 2A PWM REGULATOR
REV2.0 - JUN 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com