Electronic Components Datasheet Search
  English  ▼

X  

ACE711E Datasheet(PDF) 6 Page - ACE Technology Co., LTD.

Part # ACE711E
Description  2A, Step-Up DC - DC Regulator 20V
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE711E Datasheet(HTML) 6 Page - ACE Technology Co., LTD.

  ACE711E Datasheet HTML 1Page - ACE Technology Co., LTD. ACE711E Datasheet HTML 2Page - ACE Technology Co., LTD. ACE711E Datasheet HTML 3Page - ACE Technology Co., LTD. ACE711E Datasheet HTML 4Page - ACE Technology Co., LTD. ACE711E Datasheet HTML 5Page - ACE Technology Co., LTD. ACE711E Datasheet HTML 6Page - ACE Technology Co., LTD. ACE711E Datasheet HTML 7Page - ACE Technology Co., LTD. ACE711E Datasheet HTML 8Page - ACE Technology Co., LTD. ACE711E Datasheet HTML 9Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
ACE711E
2A, Step-Up DC/DC Regulator 20V
VER 1.2
6
Output Open Circuit
Protection
Output open circuit protection circuitry prevents IC damage as the result of output open circuit (e.g. LED
string absence). The ACE711E monitors the voltage at the SW pin and FB pin during each switching cycle.
The circuitry turns off the switch FET and shuts down the IC when both of the following conditions persist
for 8 switching clock cycles: (1) the SW voltage exceeds the VOVP threshold, which is 25V and (2) the FB
voltage is less than half of regulation voltage. As a result, the output voltage falls to the level of the input
supply. The device remains in shutdown mode until it is enabled by toggling the EN pin logic. The output
voltage plus the 200mV reference voltage cannot exceed the minimum OVP threshold or OUTPUT
VOLTAGE + 200 mV ≤ VOVP(MIN).
Shutdown
The ACE711E enters shutdown mode when the EN voltage is logic low for more than 2.5ms. During
shutdown, the input supply current for the device is less than 1μA (max). Although the internal FET does
not switch in shutdown, there is still a DC current path between the input and the output through the
inductor and Schottky diode.
For LED driving application, the minimum forward voltage of the LED array must exceed the maximum
input voltage to ensure that the LEDs remain off in shutdown. However, in the typical application with two
or more
LEDs, the forward voltage is large enough to reverse bias the Schottky and keep leakage
current low.
Output Voltage Setting
The FB voltage is regulated by a low 0.2V reference voltage. The output voltage is set externally by
using a resistor divider. The value of the R1/R2 divider is calculated using Equation 1.1:
VOUT =VFB/R2*(R1+R2)
(1.1)
Where
VOUT = output voltage, R2 = resistance between FB and GND, R1 = resistance between OUT and FB.
The output current tolerance depends on the FB accuracy and the current sensor resistor accuracy.
LED Driving Current Setting
The FB voltage is regulated by a low 0.2V reference
voltage. The LED current is set externally using a
current-sense resistor in series with the LED string. The value of the RSET is calculated using Equation
1.2:
ILED =VFB/RSET
(1.2)
Where
ILED = output current of LEDs, RSET = current sense resistor
The output current tolerance depends on the FB accuracy and the current sensor resistor accuracy.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com