Electronic Components Datasheet Search
  English  ▼

X  

ACE725E Datasheet(PDF) 9 Page - ACE Technology Co., LTD.

Part # ACE725E
Description  24V , 1.2A High Efficiency Step-Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE725E Datasheet(HTML) 9 Page - ACE Technology Co., LTD.

Back Button ACE725E Datasheet HTML 3Page - ACE Technology Co., LTD. ACE725E Datasheet HTML 4Page - ACE Technology Co., LTD. ACE725E Datasheet HTML 5Page - ACE Technology Co., LTD. ACE725E Datasheet HTML 6Page - ACE Technology Co., LTD. ACE725E Datasheet HTML 7Page - ACE Technology Co., LTD. ACE725E Datasheet HTML 8Page - ACE Technology Co., LTD. ACE725E Datasheet HTML 9Page - ACE Technology Co., LTD. ACE725E Datasheet HTML 10Page - ACE Technology Co., LTD. ACE725E Datasheet HTML 11Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
ACE725E
24V , 1.2A
High Efficiency Step-Down Converter
VER 1.1
9
Output Capacitor Selection
For
most applications a nominal 22μF or larger capacitor is suitable.
The ACE725E internal compensation is designed for a fixed corner frequency that is equal to
1
For example, for VOUT=5V, L=6.8μH,
C
OUT=22μF.
The output capacitor keeps output ripple small and ensures control-loop stability. The output capacitor
must also have low impedance at the switching frequency. Ceramic, polymer, and tantalum capacitors are
suitable, with ceramic exhibiting the lowest ESR and
high-frequency impedance. Output ripple with a
ceramic output capacitor is approximately as follows:
VRIPPLE = IL(PEAK)[1 / (2π x fOSC x COUT)]
If the capacitor has significant ESR, the output ripple component due to capacitor ESR is as follows:
VRIPPLE(ESR) = IL(PEAK) x ESR
Input Capacitor Selection
The input capacitor in a DC-to-DC converter reduces current peaks drawn from the battery or other
input power source and reduces switching noise in the controller. The impedance of the input capacitor at
the switching frequency should be less than that of the input source so high-frequency switching currents
do not pass through the input source. The output capacitor keeps output ripple small and ensures
control-loop stability.
Components Selection
VOUT (V)
COUT (μF)
L (μH)
8
22x2
10 to 15
5
22x2
6.8 to 10
3.3
22x2
4.7 to 10
2.5
22x2
3.3 to 10
FC=
2
∗ π√COUT∗ L=20Khz



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com