Electronic Components Datasheet Search
  English  ▼

X  

ACE725E Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE725E
Description  24V , 1.2A High Efficiency Step-Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE725E Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE725E Datasheet HTML 1Page - ACE Technology Co., LTD. ACE725E Datasheet HTML 2Page - ACE Technology Co., LTD. ACE725E Datasheet HTML 3Page - ACE Technology Co., LTD. ACE725E Datasheet HTML 4Page - ACE Technology Co., LTD. ACE725E Datasheet HTML 5Page - ACE Technology Co., LTD. ACE725E Datasheet HTML 6Page - ACE Technology Co., LTD. ACE725E Datasheet HTML 7Page - ACE Technology Co., LTD. ACE725E Datasheet HTML 8Page - ACE Technology Co., LTD. ACE725E Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
ACE725E
24V , 1.2A
High Efficiency Step-Down Converter
VER 1.1
1
Description
The ACE725E is a wide input range, high-efficiency, high frequency DC-to-DC step-down switching
regulator, capable of delivering up to 1.2A of output current. With a fixed switching frequency of 1.4MHz,
this current mode PWM controlled converter allows the use of small external components, such as
ceramic input and output caps, as well as small inductors, while still providing low output ripples. Together
with the tiny package ACE725E is in, without external compensation components, it is an ideal solution for
system designer with stringent board space requirements. ACE725E also employs a proprietary control
scheme that switches the device into a power save mode during light load, thereby extending the range of
high efficiency operation.
ACE725E is available SOT23-6 Packages.
Features
 Wide Input Operating Range from 4.5V to 24V
 High Efficiency:Up to 94%
 Capable of Delivering 1.2A
 1.4MHz Switching frequency
 No External Compensation Needed
 Current Mode control
 Logic Control Shutdown
 Thermal shutdown and UVLO
 Available in SOT23-6 Package
Application
 Set top boxes
 Security Surveillance systems
 LED lighting
Absolute Maximum Rating
Parameter
Value
IN Voltage
–0.3V to 26V
SW ,EN Voltage
–0.3V to VIN+0.3
BST Voltage
–0.3V to SW+6V
FB Voltage
–0.3V to 6V
SW to ground current
Internally limited
Operating Temperature Range
–40°C to 85°C
Storage Temperature Range
.
–55°C to 150°C
Thermal Resistance
SOT23-6
θJA
θJC
220
110
°C/W
(Note: Exceeding these limits may damage the device. Exposure to absolute maximum rating conditions for long periods may affect device reliability.)


Similar Part No. - ACE725E

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE7255E ACE-ACE7255E Datasheet
518Kb / 9P
24V, 2A, Forced PWM Synchronous Step-Down Converter
VER 1.1
ACE7259C ACE-ACE7259C Datasheet
346Kb / 4P
500KHz, 18V, 2.5A Synchronous Step-Down Converter
VER 1.2
ACE7259CGMH ACE-ACE7259CGMH Datasheet
346Kb / 4P
500KHz, 18V, 2.5A Synchronous Step-Down Converter
VER 1.2
More results

Similar Description - ACE725E

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1265 LINER-LTC1265 Datasheet
226Kb / 16P
1.2A, High Efficiency Step-Down DC/DC Converter
logo
Richtek Technology Corp...
RT8258 RICHTEK-RT8258 Datasheet
401Kb / 12P
1.2A, 24V, 700kHz Step-Down Converter
RT8259 RICHTEK-RT8259 Datasheet
209Kb / 13P
1.2A, 24V, 1.4MHz Step-Down Converter
logo
BaiDu Micro electrons C...
AE2359 BAIDUMICRO-AE2359 Datasheet
461Kb / 11P
1.2A, 24V, 1.4MHz Step-down Converter
logo
Linear Technology
LTC1265 LINER-LTC1265_15 Datasheet
243Kb / 16P
1.2A, High Efficiency Step-Down DC/DC Converter
LTC1265-3.3 LINER-LTC1265-3.3_15 Datasheet
243Kb / 16P
1.2A, High Efficiency Step-Down DC/DC Converter
LTC1265-5 LINER-LTC1265-5_15 Datasheet
243Kb / 16P
1.2A, High Efficiency Step-Down DC/DC Converter
logo
ETA SOLUTIONS CO. LIMIT...
ETA2359 ETA-ETA2359 Datasheet
196Kb / 1P
1.4MHz, 1.2A, 24V High Efficiency Step-Down Converter in SOT23-6
logo
Unisonic Technologies
UD05124 UTC-UD05124 Datasheet
245Kb / 9P
HIGH EFFICIENCY 1.5MHZ 1.2A SYNCHRONOUS STEP DOWN CONVERTER
UD24121 UTC-UD24121 Datasheet
228Kb / 5P
1.2A, 24V, 1.4MHz STEP-DOWN CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com