Electronic Components Datasheet Search
  English  ▼

X  

ACE725E Datasheet(PDF) 10 Page - ACE Technology Co., LTD.

Part # ACE725E
Description  24V , 1.2A High Efficiency Step-Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE725E Datasheet(HTML) 10 Page - ACE Technology Co., LTD.

Back Button ACE725E Datasheet HTML 3Page - ACE Technology Co., LTD. ACE725E Datasheet HTML 4Page - ACE Technology Co., LTD. ACE725E Datasheet HTML 5Page - ACE Technology Co., LTD. ACE725E Datasheet HTML 6Page - ACE Technology Co., LTD. ACE725E Datasheet HTML 7Page - ACE Technology Co., LTD. ACE725E Datasheet HTML 8Page - ACE Technology Co., LTD. ACE725E Datasheet HTML 9Page - ACE Technology Co., LTD. ACE725E Datasheet HTML 10Page - ACE Technology Co., LTD. ACE725E Datasheet HTML 11Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
ACE725E
24V , 1.2A
High Efficiency Step-Down Converter
VER 1.1
10
Packing Information
SOT-23-6
SYMBL
MILLIMETER
MIN
NOM
MAX
A
2.7
2.9
3.1
B
1.7
1.9
2.1
C
--
0.95
--
D
1.5
1.6
1.8
E
2.5
2.8
3.1
F
0.2
0.4
0.5
G
1
1.1
1.3
H
0.7
0.8
0.9
I
0
--
0.1
J
0.2
--
--
K
0.1
0.15
0.25



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com