Electronic Components Datasheet Search
  English  ▼

X  

MT8843AS Datasheet(PDF) 3 Page - Mitel Networks Corporation

Part # MT8843AS
Description  CMOS Calling Number Identification Circuit 2 Preliminary Information
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8843AS Datasheet(HTML) 3 Page - Mitel Networks Corporation

  MT8843AS Datasheet HTML 1Page - Mitel Networks Corporation MT8843AS Datasheet HTML 2Page - Mitel Networks Corporation MT8843AS Datasheet HTML 3Page - Mitel Networks Corporation MT8843AS Datasheet HTML 4Page - Mitel Networks Corporation MT8843AS Datasheet HTML 5Page - Mitel Networks Corporation MT8843AS Datasheet HTML 6Page - Mitel Networks Corporation MT8843AS Datasheet HTML 7Page - Mitel Networks Corporation MT8843AS Datasheet HTML 8Page - Mitel Networks Corporation MT8843AS Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Preliminary Information
MT8843
5-25
The diode bridge shown in Figure 3 half wave
rectifies a single ended ring signal. Full wave
rectification is achieved if the ringing is balanced. A
fraction of the ring voltage is applied to the TRIGin
input. When the voltage at TRIGin is above the
Schmitt trigger high going threshold VT+, TRIGRC is
pulled low as C3 discharges. TRIGout stays low as
long as the C3 voltage stays below the minimum
VT+.
In a CPE designed for CND/CNAM, TRIGout high to
low transition may be used to interrupt or wake up
the microcontroller. The controller can thus be put
into sleep mode to conserve power.
Dual Tone Alert Signal Detection
According to SIN227 the Idle State Tone Alert Signal
allows more reliable detection of Caller Display
Service signals. The Idle State Tone Alert Signal
follows the line reversal and a silence period. The
characteristics of the BT’s idle state alerting tone is
shown in Table 1.
a. The off-hook signal level is -15dBm to -34dBm per tone to be
specified in the BT CIDCW specification in the future.
b. The signal power is expressed in dBm referenced to 600 ohm
at the CPE A/B (tip/ring) interface.
c. ASL = active speech level expressed in dBm referenced to
600 ohm at the CPE tip/ring interface. The level is measured
according to method B of Recommendation P.56 "Objective
Measurement of Active Speech Level" published in the CCITT
Blue Book, volume V "Telephone Transmission Quality" 1989.
EPL (Equivalent Peak Level) = ASL+11.7dB
d. SIN227 suggests that the recognition time should be not less
than 20ms if both tones are detected.
Item
BT
Bellcore
Low tone
frequency
2130Hz ±1.1%
2130Hz± 0.5%
High tone
frequency
2750Hz±1.1%
2750Hz±0.5%
Received
signal level
-2dBV to -40dBV
per tone on-hooka
(0.22dBmb to
-37.78dBm)
-14dBm to -32dBm
per tone off-hook
Signal reject
level
-46dBV
(-43.78dBm)
-45dBm
Signal level
differential
(twist)
up to 7dB
up to 6dB
Unwanted
signals
<= -20dB
(300-3400Hz)
<= -7dBm ASLc
near end speech
Duration
88ms to 110msd
75ms to 85ms
Speech
present
No
Yes
Table 1. Dual Tone Alert Signal Characteristics
Bellcore specifies a similar dual tone alert signal
called CPE Alerting Signal (CAS) for use in off-hook
data transmission. Bellcore states that the CPE
should be able to detect, in the presence of voice,
the CPE Alerting Signal.
The dual tone alert signal is separated into the high
and low tones with two bandpass filters. A detection
algorithm
examines
the
two
filter
outputs
to
determine the presence of a dual tone alert signal.
The ESt pin goes high when both tones are present.
Detect
and
non-detect
guard
times
can
be
implemented with external RC components. The
guard times improve detection performance by
rejecting signals of insufficient duration and masking
momentary detection dropout. StD is the guard time
qualified detector output.
•
Dual Tone Detection Guard Time
When the dual tone alert signal is detected by the
CNIC2, ESt is pulled high. When the alerting signal
ceases to be detected, ESt goes low.
Figure 4 shows the relationship between the St/GT,
ESt and StD pins. It also shows the operation of a
guard time circuit. The guard time circuit improves
detection performance by rejecting detections of
insufficient duration and by allowing momentary ESt
dropouts once the duration criterion has been met.
The total recognition time is tREC = tGP + tDP, where
tGP is the tone present guard time and tDP is the tone
present detect time (refer to timing between ESt, St/
GT and StD in Figures 15 and 18).
The total tone absent time is tABS = tGA + tDA, where
tGA is the tone absent guard time and tDA is the tone
absent detect time (refer to timing between ESt, St/
GT and StD in Figures 15 and 18).
Bellcore states that it is desirable for an off-hook
capable CPE to have a CAS detector on/off switch.
The switch was conceived so that a subscriber who
disconnects a service that relies on CAS detection
(e.g., CIDCW), but retains the CPE, can turn off the
detector and not be bothered by false detection.
SW1 in Figure 4 performs the above function. In the
B position, the comparator input, hence StD, is
always low. The CAS detector will not be enabled
and its output will not cause interrupts (except for the
system power up condition described in section
“Interrupt” on page 28’).
BT states that the idle state tone alert signal
recognition time should be no less than 20ms when



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com