Electronic Components Datasheet Search
  English  ▼

X  

MT8843AS Datasheet(PDF) 5 Page - Mitel Networks Corporation

Part # MT8843AS
Description  CMOS Calling Number Identification Circuit 2 Preliminary Information
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8843AS Datasheet(HTML) 5 Page - Mitel Networks Corporation

  MT8843AS Datasheet HTML 1Page - Mitel Networks Corporation MT8843AS Datasheet HTML 2Page - Mitel Networks Corporation MT8843AS Datasheet HTML 3Page - Mitel Networks Corporation MT8843AS Datasheet HTML 4Page - Mitel Networks Corporation MT8843AS Datasheet HTML 5Page - Mitel Networks Corporation MT8843AS Datasheet HTML 6Page - Mitel Networks Corporation MT8843AS Datasheet HTML 7Page - Mitel Networks Corporation MT8843AS Datasheet HTML 8Page - Mitel Networks Corporation MT8843AS Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Preliminary Information
MT8843
5-29
The crystal specification is as follows:
Frequency:
3.579545 MHz
Frequency tolerance:
±0.1%(-40°C+85°C)
Resonance mode:Parallel
Load capacitance:
18 pF
Maximum series resistance: 150 ohms
Maximum drive level (mW):
2 mW
e.g., CTS MP036S
Any number of MT8843 devices can be connected
as shown in Figure 8 such that only one crystal is
required. The connection between OSC2 and OSC1
can be D.C. coupled as shown, or the OSC1 inputs
on all devices can be driven from a CMOS buffer (dc
coupled) with the OSC2 outputs left unconnected.
VRef and CAP Inputs
VRef is the output of a low impedance voltage source
equal to VDD/2 and is used to bias the input op-amp.
A 0.1µF capacitor is required between CAP and VSS
to suppress noise on VRef.
Applications
The circuit shown in Figure 9 illustrates the use of the
MT8843 (CNIC2) device in a typical CID or CLIP sys-
tem. Network protection will differ depending on the
market for which the product is designed.
Notes:
CNIC2 has not been fully characterized for talkoff
and talkdown performance as specified in SR-TSV-
002476.
For CIDCW, speech immunity improves if near end
audio is cancelled from the incoming signal.
One
possible implementation is to connect the signal
input to the 2 wire side when the CPE is on-hook and
the 4 wire side when the CPE is off-hook.
Figure 9 - Application Circuit
IN+
IN-
GS
VRef
TRIGin
TRIGRC
TRIGout
MODE
OSCin
OSCout
VSS
VDD
St/GT
ESt
StD
INT
DR
DATA
DCLK
FSKen
PWDN
IC
CNIC2
CAP
CD
(FSK Interface Mode 0 selected)
+5V
= To microcontroller
= From microcontroller
TIP / A
RING / B
Notes
MT8843
+5V
+5V
+5V
430K
430K
34K
34K
464K
500K
500K
200K
300K
0.1µF
0.1µF
0.01µF
0.01µF
420K
420K
TISP4180,
TPA150A12 or
TPB150B12
TISP5180,
+5V
100K
For BT network
protection:
Note: For CTA applications where there is a requirement to determine
the ring burst duration, the value of R and C may have to be optimized.
C
R



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com