Electronic Components Datasheet Search
  English  ▼

X  

MT8843AS Datasheet(PDF) 4 Page - Mitel Networks Corporation

Part # MT8843AS
Description  CMOS Calling Number Identification Circuit 2 Preliminary Information
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8843AS Datasheet(HTML) 4 Page - Mitel Networks Corporation

  MT8843AS Datasheet HTML 1Page - Mitel Networks Corporation MT8843AS Datasheet HTML 2Page - Mitel Networks Corporation MT8843AS Datasheet HTML 3Page - Mitel Networks Corporation MT8843AS Datasheet HTML 4Page - Mitel Networks Corporation MT8843AS Datasheet HTML 5Page - Mitel Networks Corporation MT8843AS Datasheet HTML 6Page - Mitel Networks Corporation MT8843AS Datasheet HTML 7Page - Mitel Networks Corporation MT8843AS Datasheet HTML 8Page - Mitel Networks Corporation MT8843AS Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Preliminary Information
MT8843
5-27
Note that signals such as dual tone alert signal,
speech and DTMF tones lie in the same frequency
band as FSK. They will, therefore, be demodulated
and as a result, false data will be generated. To avoid
demodulation of false data, an FSKen pin is provided
so that the FSK demodulator may be disabled when
FSK signal is not expected.
The FSK characteristics described in Table 2 have
been specified in BT and Bellcore specifications. The
BT signal frequencies correspond to CCITT V.23. The
Bellcore frequencies correspond to Bell 202. CTA
requires that the TE be able to receive both CCITT
V.23 and Bell 202, as specified in the BT and Bellcore
specifications. CNIC2 is compatible with both formats
with no external intervention.
CNIC2 will meet these characteristics with its input
op-amp at unity gain.
a. The signal power is expressed in dBm referenced to 600 ohm
at the CPE tip/ring (A/B) interface.
b. TR-NWT-000030, Bulletin No. 1
c. The frequency range is specified in TR-NWT-000030.
d. Up to 20 marks may be inserted in specific places in a single
or multiple data message.
Item
BT
Bellcore
Mark
frequency
(logic 1)
1300Hz
± 1.5%
1200Hz
± 1%
Space
frequency
(logic 0)
2100Hz
± 1.5%
2200Hz
± 1%
Received
signal level -
mark
-8dBV to
-40dBV
(-5.78dBm to
-37.78dBm)
-12dBma to
-32dBm
Received
signal level -
space
-8dBV to
-40dBV
-12dBm to
-36dBm
Signal level
differential
(twist)
up to 6dB
up to 10dBb
Unwanted
signals
<= -20dB
(300-3400Hz)
<= -25dB
(200-3200Hz)c
Transmission
rate
1200 baud
± 1%
1200 baud
± 1%
Word format
1 start bit (logic
0), 8 bit word
(LSB first), 1 to
10 stop bits
(logic 1)
1 start bit (logic
0), 8 bit word
(LSB first),
1 stop bit
(logic 1)d
Table 2. FSK Characteristics
•
3-wire User Interface
The MT8843 provides a powerful dual mode 3-wire
interface so that the 8-bit data words in the
demodulated FSK bit stream can be extracted
without the need either for an external UART
(Universal Asynchronous Receiver Transmitter) or
for the TE/CPE’s microcontroller to perform the
UART function in software (asynchronous serial data
reception). The interface is specifically designed for
the 1200 baud rate and is comprised of the DATA,
DCLK (data clock) and DR (data ready) pins. Two
modes (modes 0 and 1) are selectable via control of
the device’s MODE pin: in mode 0, data transfer is
initiated by the CNIC2; in mode 1, data transfer is
initiated by the external microcontroller.
Mode 0
This mode is selected when the MODE pin is low. It
is the CNIC (MT8841) compatible mode where data
transfer is initiated by the device.
In this mode, CNIC2 receives the FSK signal,
demodulates it, and outputs the extracted data to the
DATA pin (refer to Figure 12). For each received stop
and start bit sequence, the CNIC2 outputs a fixed
frequency clock string of 8 pulses at the DCLK pin.
Each clock rising edge occurs in the centre of each
DATA bit cell. DCLK is not generated for the stop and
start bits. Consequently, DCLK will clock only valid
data into a peripheral device such as a serial to
parallel shift register or a micro-controller. CNIC2
also outputs an end of word pulse (data ready) at the
DR pin. The data ready signal indicates the reception
of every 10-bit word sent from the network to the TE/
CPE. This DR signal is typically used to interrupt a
micro-controller.
Mode 1
This mode is selected when the MODE pin is high. In
this mode, the microcontroller supplies read pulses
(DCLK) to shift the 8-bit data words out of the
MT8843, onto the DATA pin. CNIC2 asserts DR to
denote the word boundary and indicate to the
microprocessor
that a
new
word
has
become
available (refer to Figure 14).
Internally, the MT8843’s demodulated data bits are
sampled and stored. After the 8th bit, the word is
parallel loaded into an 8 bit shift register and DR
goes low. The shift register’s contents are shifted out
to the DATA pin on DCLK’s rising edge in the order
they were received.
If DCLK begins while DR is low, DR will return to high
upon
the
first
DCLK.
This
feature
allows
the
associated interrupt (see section on "Interrupt") to be



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com