Electronic Components Datasheet Search
  English  ▼

X  

MT8880CS Datasheet(PDF) 9 Page - Mitel Networks Corporation

Part # MT8880CS
Description  ISO2-CMOS Integrated DTMFTransceiver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8880CS Datasheet(HTML) 9 Page - Mitel Networks Corporation

Back Button MT8880CS Datasheet HTML 5Page - Mitel Networks Corporation MT8880CS Datasheet HTML 6Page - Mitel Networks Corporation MT8880CS Datasheet HTML 7Page - Mitel Networks Corporation MT8880CS Datasheet HTML 8Page - Mitel Networks Corporation MT8880CS Datasheet HTML 9Page - Mitel Networks Corporation MT8880CS Datasheet HTML 10Page - Mitel Networks Corporation MT8880CS Datasheet HTML 11Page - Mitel Networks Corporation MT8880CS Datasheet HTML 12Page - Mitel Networks Corporation MT8880CS Datasheet HTML 13Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
ISO2-CMOS
MT8880C/MT8880C-1
4-41
Table 2. Internal Register Functions
RS0
R/W
FUNCTION
0
0
Write to Transmit
Data Register
0
1
Read from Receive
Data Register
1
0
Write to Control
Register
1
1
Read from Status
Register
Table 3. CRA Bit Positions
Table 4. CRB Bit Positions
b3
b2
b1
b0
RSEL
IRQ
CP/DTMF
TOUT
b3
b2
b1
b0
C/R
S/D
TEST
BURST
Table 5. Control Register A Description
BIT
NAME
FUNCTION
DESCRIPTION
b0
TOUT
TONE OUTPUT
A logic ‘1’ enables the tone output. This function can be
implemented in either the burst mode or non-burst mode
.
b1
CP/DTMF
MODE CONTROL
In DTMF mode (logic ‘0’) the device is capable of generating
and receiving Dual Tone Multi-Frequency signals. When the
CP (Call Progress) mode is selected (logic ‘1’) a 6th order
bandpass filter is enabled to allow call progress tones to be
detected. Call progress tones which are within the specified
bandwidth
will
be
presented
at
the IRQ/CP
pin
in
rectangular wave format if the IRQ bit has been enabled
(b2=1). Also, when the CP mode and BURST mode have both
been selected, the transmitter will issue DTMF signals with a
burst and pause of 102 ms (typ) duration. This signal duration
is twice that obtained from the DTMF transmitter if DTMF
mode had been selected. Note that DTMF signals cannot be
decoded when the CP mode of operation has been selected.
b2
IRQ
INTERRUPT ENABLE
A logic ‘1’ enables the INTERRUPT mode. When this mode is
active and the DTMF mode has been selected (b1=0) the IRQ/
CP pin will pull to a logic ‘0’ condition when either 1) a valid
DTMF signal has been received and has been present for the
guard time duration or 2) the transmitter is ready for more data
(BURST mode only).
b3
RSEL
REGISTER SELECT
A logic ‘1’ selects Control Register B on the next Write cycle to
the Control Register address. Subsequent Write cycles to the
Control Register are directed back to Control Register A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com