Electronic Components Datasheet Search
  English  ▼

X  

MT8880CS Datasheet(PDF) 11 Page - Mitel Networks Corporation

Part # MT8880CS
Description  ISO2-CMOS Integrated DTMFTransceiver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8880CS Datasheet(HTML) 11 Page - Mitel Networks Corporation

Back Button MT8880CS Datasheet HTML 7Page - Mitel Networks Corporation MT8880CS Datasheet HTML 8Page - Mitel Networks Corporation MT8880CS Datasheet HTML 9Page - Mitel Networks Corporation MT8880CS Datasheet HTML 10Page - Mitel Networks Corporation MT8880CS Datasheet HTML 11Page - Mitel Networks Corporation MT8880CS Datasheet HTML 12Page - Mitel Networks Corporation MT8880CS Datasheet HTML 13Page - Mitel Networks Corporation MT8880CS Datasheet HTML 14Page - Mitel Networks Corporation MT8880CS Datasheet HTML 15Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
ISO2-CMOS
MT8880C/MT8880C-1
4-43
Figure 13 - Application Circuit (Single-Ended Input)
Figure 14 - Test Circuit
IN+
IN-
GS
VRef
VSS
OSC1
OSC2
TONE
R/W
CS
VDD
St/GT
ESt
D3
D2
D1
D0
IRQ/CP
Φ2
RS0
DTMF/CP
INPUT
DTMF
OUTPUT
C1
R1
R2
X-tal
C4
RL
VDD
C3
C2
R4
R3
To
µP
or
µC
Notes:
R1, R2 = 100 k
Ω 1%
R3 = 374
Ω 1%
R4 = 3.3 k
Ω 10%
RL = 10 k Ω (min.)
C1 = 100 nF 5%
C2 = 100 nF 5%
C3 = 100 nF 10%*
C4 = 10 nF 10%
X-tal = 3.579545 MHz
* Microprocessor based systems can inject undesirable noise into
the supply rails. The performance of the MT8880 can be optimized
by keeping noise on the supply rails to a minimum. The decoupling
capacitor (C3) should be connected close to the device and ground
loops should be avoided.
MT8880C/C-1
TEST POINT
MMD6150
(or equivalent)
5.0 VDC
2.4 k
Ω
24 k
Ω
130 pF
MMD7000
(or equivalent)
TEST POINT
5.0 VDC
3 k
Ω
70 pF
Test load for IRQ/CP pin
Test load for D0-D3 pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com