Electronic Components Datasheet Search
  English  ▼

X  

MT88E45AS Datasheet(PDF) 13 Page - Mitel Networks Corporation

Part # MT88E45AS
Description  4-Wire Calling Number Identification Circuit 2(4-Wire CNIC2)
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT88E45AS Datasheet(HTML) 13 Page - Mitel Networks Corporation

Back Button MT88E45AS Datasheet HTML 9Page - Mitel Networks Corporation MT88E45AS Datasheet HTML 10Page - Mitel Networks Corporation MT88E45AS Datasheet HTML 11Page - Mitel Networks Corporation MT88E45AS Datasheet HTML 12Page - Mitel Networks Corporation MT88E45AS Datasheet HTML 13Page - Mitel Networks Corporation MT88E45AS Datasheet HTML 14Page - Mitel Networks Corporation MT88E45AS Datasheet HTML 15Page - Mitel Networks Corporation MT88E45AS Datasheet HTML 16Page - Mitel Networks Corporation MT88E45AS Datasheet HTML 17Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
Advance Information
MT88E45
13
Figure 8 - Gain Ratio as a Function of Nominal Vdd
Gain Setting Resistor Calculation Example for Figure 8:
•
For the desired nominal Vdd, use Figure 8 to determine approximate Av.
•
For the GS1 op-amp, start with the 0dB gain setting resistor values of R50dB, R60dB and R70dB. In
Figure 7 these values are 53K7, 60K4 and 464K respectively. Keep C1,C2,R1,R2,R3,R4 as in Figure 7
to maintain the highpass corner frequency constant for all gain settings.
•
For the desired gain setting of Av:
R7Av= R70dB x AV
Scaled for desired gain. Choose
the closest standard resistor value as R7Av.
Actual Av from now on is R7Av/R70db
R5Av= R50dB x AV
Scaled for good common mode range. Choose
the closest standard resistor value as R5Av.
1/R6Av = 1/R5Av - 1/R7Av
Calculate R6Av so that R5Av=R6Av || R7Av. Choose
the closest standard resistor value as R6Av.
•
Repeat for R10, R11, R12 for the GS2 op-amp.
Example:
•
For a gain of -3.5dB, Av=10
-3.5/20 = 0.668
•R7-3.5dB= 464K x 0.668 = 309K9, the closest standard resistor value is 309K.
Av is now 309K/464K = 0.666
•R5-3.5dB= 53K6 x 0.666 = 35K7, the closest standard resistor value is 35K7.
Therefore R6-3.5dB is calculated to be 40K4, the closest standard resistor value is 40K2.
3.0
3.5
4.0
4.5
5.0
Nominal Vdd (Volts)
0.50
0.55
0.60
0.65
0.70
0.75
0.80
0.85
0.90
0.95
1.00
0.668
0.531
0.794
Gain ratio for
Bellcore GS1, GS2
ETSI GS2 op amps
Gain ratio for ETSI
GS1 op amp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com