Electronic Components Datasheet Search
  English  ▼

X  

MT88E45AS Datasheet(PDF) 21 Page - Mitel Networks Corporation

Part # MT88E45AS
Description  4-Wire Calling Number Identification Circuit 2(4-Wire CNIC2)
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT88E45AS Datasheet(HTML) 21 Page - Mitel Networks Corporation

Back Button MT88E45AS Datasheet HTML 17Page - Mitel Networks Corporation MT88E45AS Datasheet HTML 18Page - Mitel Networks Corporation MT88E45AS Datasheet HTML 19Page - Mitel Networks Corporation MT88E45AS Datasheet HTML 20Page - Mitel Networks Corporation MT88E45AS Datasheet HTML 21Page - Mitel Networks Corporation MT88E45AS Datasheet HTML 22Page - Mitel Networks Corporation MT88E45AS Datasheet HTML 23Page - Mitel Networks Corporation MT88E45AS Datasheet HTML 24Page - Mitel Networks Corporation MT88E45AS Datasheet HTML 25Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
Advance Information
MT88E45
21
Figure 13 - Serial Data Interface Timing (Mode 0)
Figure 14 - Serial Data Interface Timing (Mode 1)
TIP/RING
(A/B) WIRES
DATA
(Output)
DCLK
(Output)
DR
(Output)
b7
b0 b1 b2 b3 b4 b5 b6 b7
b0 b1 b2 b3 b4 b5 b6 b7
b0 b1 b2 b3 b4 b5
b7
b0 b1 b2 b3 b4 b5 b6 b7
b0 b1 b2 b3 b4 b5 b6 b7
b0 b1 b2 b3
b6
stop
start
stop
start
stop
start
stop
start
stop
start
stop
start
tIDD
tCRD
tRL
tCL
tCH
1/fDCLK0
Demodulated Data
(Internal Signal)
DCLK (Data Clock)
(Schmitt Input)
DR (Data Ready)
(Output)
stop
start
stop
0
1
23
4
5
67
7
Word N
Word N+1
DATA
(Output)
5
Word N
Word N-1
1/fDCLK1
tRL
>tDDH
The DCLK input must be low before and after DR falling edge.
Note 1: DCLK occurs during DR low and returns DR to high.
Note 2: DCLK occurs after DR, so DR is low for half a nominal bit time.
>tDDS
4
3
2
1
0
6
7
stop
stop
7
0
Note 1
Note 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com