Electronic Components Datasheet Search
  English  ▼

X  

MT88E45AS Datasheet(PDF) 22 Page - Mitel Networks Corporation

Part # MT88E45AS
Description  4-Wire Calling Number Identification Circuit 2(4-Wire CNIC2)
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT88E45AS Datasheet(HTML) 22 Page - Mitel Networks Corporation

Back Button MT88E45AS Datasheet HTML 18Page - Mitel Networks Corporation MT88E45AS Datasheet HTML 19Page - Mitel Networks Corporation MT88E45AS Datasheet HTML 20Page - Mitel Networks Corporation MT88E45AS Datasheet HTML 21Page - Mitel Networks Corporation MT88E45AS Datasheet HTML 22Page - Mitel Networks Corporation MT88E45AS Datasheet HTML 23Page - Mitel Networks Corporation MT88E45AS Datasheet HTML 24Page - Mitel Networks Corporation MT88E45AS Datasheet HTML 25Page - Mitel Networks Corporation MT88E45AS Datasheet HTML 26Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
MT88E45
Advance Information
22
Figure 15 - Application Timing for Bellcore On-hook Data Transmission Associated with Ringing,
e.g., CID
Notes:
This on-hook case application is included because a CIDCW (off-hook) CPE should also be capable of receiving on-hook data
transmission (with ringing) from the end office.
1) PWDN and FSKen are internal signals decoded from CB0/1/2.
2) The CPE designer may choose to enable the MT88E45 only after the end of ringing to conserve power in a battery operated CPE.
CD is not activated by ringing.
3) The microcontroller in the CPE powers down the MT88E45 after CD has become inactive.
4) The microcontroller times out if CD is not activated.
5) This signal represents the mode of the DR/STD pin.
1st Ring
2nd Ring
Ch. seizure
Mark
Data
AC
D
E
F
..101010..
Data
Note 2
Note 3
Note 2
Note 4
tCA
tCP
B
TIP/RING
PWDN
OSC2
FSKen
CD
DR
DCLK
DATA
A = 2sec typical
B = 250-500ms
C = 250ms
D = 150ms
E = feature specific
Max C+D+E = 2.9 to 3.7sec
F
≥ 200ms
tPD
tPU
Note 1
Note 1
Note 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com