Electronic Components Datasheet Search
  English  ▼

X  

MT8888CS Datasheet(PDF) 8 Page - Mitel Networks Corporation

Part # MT8888CS
Description  Integrated DTMFTransceiver with Intel Micro Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8888CS Datasheet(HTML) 8 Page - Mitel Networks Corporation

Back Button MT8888CS Datasheet HTML 4Page - Mitel Networks Corporation MT8888CS Datasheet HTML 5Page - Mitel Networks Corporation MT8888CS Datasheet HTML 6Page - Mitel Networks Corporation MT8888CS Datasheet HTML 7Page - Mitel Networks Corporation MT8888CS Datasheet HTML 8Page - Mitel Networks Corporation MT8888CS Datasheet HTML 9Page - Mitel Networks Corporation MT8888CS Datasheet HTML 10Page - Mitel Networks Corporation MT8888CS Datasheet HTML 11Page - Mitel Networks Corporation MT8888CS Datasheet HTML 12Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
MT8888C/MT8888C-1
4-98
The
Fourier
components
of
the
tone
output
correspond to V2f.... Vnf as measured on the output
waveform. The total harmonic distortion for a
dual
tone can be calculated using Equation 2. VL and VH
correspond to the low group amplitude and high
group amplitude, respectively and V2IMD is the sum
of all the intermodulation components. The internal
switched-capacitor filter following the D/A converter
keeps distortion products down to a very low level as
shown in Figure 10.
Equation 2. THD (%) For a Dual Tone
DTMF Clock Circuit
The internal clock circuit is completed with the
addition of a standard television colour burst crystal.
The crystal specification is as follows:
Frequency:
3.579545 MHz
Frequency Tolerance:
±
0.1%
Resonance Mode:
Parallel
Load Capacitance:
18pF
Maximum Series Resistance:150 ohms
Maximum Drive Level:
2mW
e.g.
CTS Knights MP036S
Toyocom TQC-203-A-9S
A number of MT8888C/MT8888C-1 devices can be
connected as shown in Figure 11 such that only one
crystal is required. Alternatively, the OSC1 inputs on
all devices can be driven from a TTL buffer with the
OSC2 outputs left unconnected.
Figure 11 - Common Crystal Connection
Microprocessor Interface
The MT8888C/MT8888C-1 incorporates an Intel
microprocessor interface which is compatible with
fast versions (16 MHz) of the 80C51. No wait cycles
need to be inserted.
V2L + V
2
H
V
2
2L + V
2
3L + .... V
2
nL + V
2
2H +
V
2
3H + .. V
2
nH + V
2
IMD
THD (%) = 100
MT8888C/
OSC1
OSC2
MT8888C/
OSC1
OSC2
MT8888C/
OSC1
OSC2
3.579545 MHz
MT8888C-1
MT8888C-1
MT8888C-1
Figures 17 and 18 are the timing diagrams for the
Intel 8031, 8051 and 8085 (5 MHz) microcontrollers.
By NANDing the address latch enable (ALE) output
with the high-byte address (P2) decode output, CS is
generated. Figure 12 summarizes the connection of
these Intel processors to the MT8888C/MT8888C-1
transceiver.
The microprocessor interface provides access to five
internal registers.
The
read-only
Receive
Data
Register contains the decoded output of the last
valid DTMF digit received. Data entered into the
write-only Transmit Data Register will determine
which tone pair is to be generated (see Table 1 for
coding details). Transceiver control is accomplished
with two control registers (see Tables 6 and 7), CRA
and CRB, which have the same address. A write
operation to CRB is executed by first setting the
most significant bit (b3) in CRA. The following write
operation to the same address will then be directed
to CRB, and subsequent write cycles will be directed
back to CRA. The read-only status register indicates
the current transceiver state (see Table 8).
A software reset must be included at the beginning
of all programs to initialize the control registers upon
power-up or power reset (see Figure 17). Refer to
Tables 4-7 for bit descriptions of the two control
registers.
The multiplexed IRQ/CP pin can be programmed to
generate an interrupt upon validation of DTMF
signals or when the transmitter is ready for more
data (burst mode only). Alternatively, this pin can be
configured to provide a squarewave output of the call
progress signal. The IRQ/CP pin is an open drain
output and requires an external pull-up resistor (see
Figure 13).
Table 3. Internal Register Functions
Table 4. CRA Bit Positions
Table 5. CRB Bit Positions
RS0
WR
RD
FUNCTION
00
1
Write to Transmit
Data Register
01
0
Read from Receive
Data Register
10
1
Write to Control Register
11
0
Read from Status Register
b3
b2
b1
b0
RSEL
IRQ
CP/DTMF
TOUT
b3
b2
b1
b0
C/R
S/D
TEST
BURST
ENABLE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com