Electronic Components Datasheet Search
  English  ▼

X  

MT8888CS Datasheet(PDF) 15 Page - Mitel Networks Corporation

Part # MT8888CS
Description  Integrated DTMFTransceiver with Intel Micro Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8888CS Datasheet(HTML) 15 Page - Mitel Networks Corporation

Back Button MT8888CS Datasheet HTML 8Page - Mitel Networks Corporation MT8888CS Datasheet HTML 9Page - Mitel Networks Corporation MT8888CS Datasheet HTML 10Page - Mitel Networks Corporation MT8888CS Datasheet HTML 11Page - Mitel Networks Corporation MT8888CS Datasheet HTML 12Page - Mitel Networks Corporation MT8888CS Datasheet HTML 13Page - Mitel Networks Corporation MT8888CS Datasheet HTML 14Page - Mitel Networks Corporation MT8888CS Datasheet HTML 15Page - Mitel Networks Corporation MT8888CS Datasheet HTML 16Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
MT8888C/MT8888C-1
4-105
† Characteristics are over recommended operating conditions unless otherwise stated
‡ Typical figures are at 25°C, VDD=5V, and for design aid only: not guaranteed and not subject to production testing
NOTES: 1) dBm=decibels above or below a reference power of 1 mW into a 600 ohm load.
2) Digit sequence consists of all 16 DTMF tones.
3) Tone duration=40 ms. Tone pause=40 ms.
4) Nominal DTMF frequencies are used.
5) Both tones in the composite signal have an equal amplitude.
6) The tone pair is deviated by ± 1.5%±2 Hz.
7) Bandwidth limited (3 kHz) Gaussian noise.
8) The precise dial tone frequencies are 350 and 440 Hz (±2%).
9) Guaranteed by design and characterization. Not subject to production testing.
10) Referenced to the lowest amplitude tone in the DTMF signal.
11) For guard time calculation purposes.
AC Electrical Characteristics†- MPU Interface - Voltages are with respect to ground (V
SS), unless otherwise stated.
Characteristics
Sym
Min
Typ‡
Max
Units
Conditions
1RD/WR clock frequency
fCYC
4.0
MHz
Figure 16
2RD/WR cycle period
tCYC
250
ns
Figure 16
3RD/WR rise and fall time
tR, tF
20
ns
Figure 16
4
Address setup time
tAS
23
ns
Figures 17 & 18
5
Address hold time
tAH
26
ns
Figures 17 & 18
6
Data hold time (read)
tDHR
22
ns
Figures 17 & 18
7RD to valid data delay (read)
tDDR
100
ns
Figures 17 & 18
8RD, WR pulse width low
tPWL
150
ns
Figures 16, 17 & 18
9RD, WR pulse width high
tPWH
100
ns
Figures 16, 17 & 18
10
Data setup time (write)
tDSW
45
ns
Figures 17 & 18
11
Data hold time (write)
tDHW
10
ns
Figures 17 & 18
12
Input Capacitance (data bus)
CIN
5pF
13
Output Capacitance (IRQ/CP)
COUT
5pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com