Electronic Components Datasheet Search
  English  ▼

X  

MT8888CS Datasheet(PDF) 10 Page - Mitel Networks Corporation

Part # MT8888CS
Description  Integrated DTMFTransceiver with Intel Micro Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8888CS Datasheet(HTML) 10 Page - Mitel Networks Corporation

Back Button MT8888CS Datasheet HTML 6Page - Mitel Networks Corporation MT8888CS Datasheet HTML 7Page - Mitel Networks Corporation MT8888CS Datasheet HTML 8Page - Mitel Networks Corporation MT8888CS Datasheet HTML 9Page - Mitel Networks Corporation MT8888CS Datasheet HTML 10Page - Mitel Networks Corporation MT8888CS Datasheet HTML 11Page - Mitel Networks Corporation MT8888CS Datasheet HTML 12Page - Mitel Networks Corporation MT8888CS Datasheet HTML 13Page - Mitel Networks Corporation MT8888CS Datasheet HTML 14Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
MT8888C/MT8888C-1
4-100
Table 8
. Status Register Description
Figure 12 - MT8888C Interface Connections for Various Intel Micros
Figure 13 - Application Circuit (Single-Ended Input)
BIT
NAME
STATUS FLAG SET
STATUS FLAG CLEARED
b0
IRQ
Interrupt has occurred. Bit one
(b1) or bit two (b2) is set.
Interrupt is inactive. Cleared after
Status Register is read.
b1
TRANSMIT DATA
REGISTER EMPTY
(BURST MODE ONLY)
Pause duration has terminated
and transmitter is ready for new
data.
Cleared after Status Register is
read or when in non-burst mode.
b2
RECEIVE DATA REGISTER
FULL
Valid data is in the Receive Data
Register.
Cleared after Status Register is
read.
b3
DELAYED STEERING
Set upon the valid detection of
the absence of a DTMF signal.
Cleared upon the detection of a
valid DTMF signal.
8031/8051
8080/8085
MT8888C/MT8888C-1
A8-A15
PO
RD
WR
CS
RD
WR
RS0
D0-D3
A8
IN+
IN-
GS
VRef
VSS
OSC1
OSC2
TONE
WR
CS
VDD
St/GT
ESt
D3
D2
D1
D0
IRQ/CP
RD
RS0
DTMF/CP
INPUT
DTMF
OUTPUT
C1
R1
R2
X-tal
RL
VDD
C3
C2
R4
R3
To
µP
or
µC
Notes:
R1, R2 = 100 k
Ω 1%
R3 = 374
Ω 1%
R4 = 3.3 k
Ω 10%
RL = 10 k Ω (min.)
C1 = 100 nF 5%
C2 = 100 nF 5%
C3 = 100 nF 10%*
X-tal = 3.579545 MHz
* Microprocessor based systems can inject undesirable noise into the supply rails.
The performance of the MT8888C/MT8888C-1 can be optimized by keeping
noise on the supply rails to a minimum. The decoupling capacitor (C3) should be
connected close to the device and ground loops should be avoided.
MT8888C/MT8888C-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com