Electronic Components Datasheet Search
  English  ▼

X  

RCEC400 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # RCEC400
Description  Power Resistors Cooled by Auxiliary Heatsink (Not Supplied) Thick Film Technology
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RCEC400 Datasheet(HTML) 2 Page - Vishay Siliconix

  RCEC400 Datasheet HTML 1Page - Vishay Siliconix RCEC400 Datasheet HTML 2Page - Vishay Siliconix RCEC400 Datasheet HTML 3Page - Vishay Siliconix RCEC400 Datasheet HTML 4Page - Vishay Siliconix RCEC400 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
RCEC 400
www.vishay.com
Vishay MCB
Revision: 18-Sep-14
2
Document Number: 32507
For technical questions, contact: mcbfixedresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) The higher of either value
ENERGY ABSORPTION
Single Value
Repetitive operation: 2 J/t = 50 μs
Other t values: consult us
Double Value
Repetitive operation: 2 J/t = 50 μs
Other t values: consult us
DIMENSIONS in millimeters
PERFORMANCES
TESTS
CONDITIONS
REQUIREMENTS
TYPICAL VALUES
Momentary overload
Single value
800 W / 10 s
2 %
0.2 %
Double value
2 x 360 W / 10 s
Humidity (steady state)
56 days, 40 °C, 95 % HR
2 % or 0.05
(1)
0.2 %
VRT
-55 °C to +125 °C 5 cycles
2 % or 0.05
(1)
0.2 %
Mechanical shock
IEC 60115-4 clause 2-3-6
0.5 % or 0.05
(1)
0.25 %
Vibration
IEC 60115-4 clause 2-3-2
0.5 % or 0.05
(1)
0.25 %
Terminals strength
130 Ncm / 100 N
1 % or 0.05
(1)
0.1 %
Endurance
2000 cycles Pn 30 min / 30 min
5 %
0.2 %
Ø 4.2 ± 0.1
23
57
66



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com