Electronic Components Datasheet Search
  English  ▼

X  

RCEC400 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # RCEC400
Description  Power Resistors Cooled by Auxiliary Heatsink (Not Supplied) Thick Film Technology
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RCEC400 Datasheet(HTML) 4 Page - Vishay Siliconix

  RCEC400 Datasheet HTML 1Page - Vishay Siliconix RCEC400 Datasheet HTML 2Page - Vishay Siliconix RCEC400 Datasheet HTML 3Page - Vishay Siliconix RCEC400 Datasheet HTML 4Page - Vishay Siliconix RCEC400 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
RCEC 400
www.vishay.com
Vishay MCB
Revision: 18-Sep-14
4
Document Number: 32507
For technical questions, contact: mcbfixedresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
COOLING
The temperature of the heatsink may be maintained at the specified values with:
• Forced air ventilation
• Internal circulation of a cooling liquid
• Heatsink contact surface: Ra 6.3 μm
• Evenness defect: 0.05 mm max.
• Surface temperature gradient (isotherm): 20 °C max.
• Thermal compound not supplied (resistance
 0.05 °C/W / 0.025 mm)
The user must select the thermal resistance of the heatsink according to the power applied.
ORDERING INFORMATION
RCEC
400
10
10 %
MODEL
TYPE
RESISTANCE VALUE
(DOUBLE VALUE:
2 x 10
 FOR EXAMPLE)
TOLERANCE
(± 5 % or ± 10 %)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com