Electronic Components Datasheet Search
  English  ▼

X  

RCEC400 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # RCEC400
Description  Power Resistors Cooled by Auxiliary Heatsink (Not Supplied) Thick Film Technology
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RCEC400 Datasheet(HTML) 3 Page - Vishay Siliconix

  RCEC400 Datasheet HTML 1Page - Vishay Siliconix RCEC400 Datasheet HTML 2Page - Vishay Siliconix RCEC400 Datasheet HTML 3Page - Vishay Siliconix RCEC400 Datasheet HTML 4Page - Vishay Siliconix RCEC400 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
RCEC 400
www.vishay.com
Vishay MCB
Revision: 18-Sep-14
3
Document Number: 32507
For technical questions, contact: mcbfixedresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DISSIPATION
Temperature Rise as a Function of the Power Applied
Overall Thermal Resistance 0.1875 °C/W
(Double Value: 0.2083 °C/W)
Permanent Applicable Power as a Function
of Heatsink Temperature
OVERLOAD
Intermittent Overload (Exceptional Operation)
ASSEMBLY
Maximum tightening torque:
150 Ncm, mechanical mounting
130 Ncm, electrical mounting
10
100
1000
10000
0
10
20
30
40
50
60
70
80
0
102030405060708090 100
Axis Title
K (%)
Single value: P = K x 150
Double value: P = K x 400
Δθ = f (P)
10
100
1000
10000
0
25
50
75
100
050
100
150
Axis Title
θ (°C)
Single value: P = K x 400
Double value: P = K x 180
10
100
1000
10000
0
1
2
3
4
110
100
1000
Axis Title
t (s)
57
± 0.2
M4 min. depth 5
Thermal compound
Resistance ≤ 0.05 °C/W / 0.025 mm



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com