Electronic Components Datasheet Search
  English  ▼

X  

RCMT Datasheet(PDF) 1 Page - Vishay Siliconix

Part # RCMT
Description  Molded Metal Film High Stability (< 0.25 % after 1000 h) High Temperature (up to 175 °C) Precision Resistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RCMT Datasheet(HTML) 1 Page - Vishay Siliconix

  RCMT Datasheet HTML 1Page - Vishay Siliconix RCMT Datasheet HTML 2Page - Vishay Siliconix RCMT Datasheet HTML 3Page - Vishay Siliconix RCMT Datasheet HTML 4Page - Vishay Siliconix RCMT Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
RCMT
www.vishay.com
Vishay Sfernice
Revision: 12-Sep-14
1
Document Number: 52011
For technical questions, contact: sferfixedresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Molded Metal Film High Stability (< 0.25 % after 1000 h)
High Temperature (up to 175 °C) Precision Resistors
The performance of the RCMT resistors exceed the
requirements of NF C 83-230 standards. They are
particularly relevant to the more stringent military and
industrial
applications
especially
when
high
ambient
temperatures such as + 175 °C are to be encountered.
The RCMT resistors are qualified and released to the
NF C UTE 83-230 standard styles RS56C, RS60E and C,
RS65E and C, RS70E and C.
FEATURES
• 0.1 W to 2 W at 125 °C
• EN140100
• CECC 40 101-044
• High climatic performance - 65 °C/+ 175 °C/
56 days
• High long term stability drift < 0.25 % after 1000 h
• Tight temperature coefficient to ± 15 ppm/°C
• Temperature coefficient tracking 5 ppm/°C
• Wide ohmic range from 1
 to 5 M
• Tight tolerances up to ± 0.1 %
• Matching tolerance to 0.05 %
• Termination: Pure matte tin
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
Note
•
Undergoes European Quality Insurance System (CECC)
DIMENSIONS in millimeters
SERIES
A max.
Ø B max.
Ø C
WEIGHT in g
RCMT01
4.32
2.03
0.4
0.11
RCMT02
6.7
2.5
0.6
0.28
RCMT05
10.4
3.66
0.6
0.46
RCMT08
16.5
6.4
0.8
1.3
RCMT1
19.3
6.4
0.8
1.5
RCMT2
29
10.2
0.8
4.4
RCMT4
54
10.2
0.8
13
STANDARD ELECTRICAL SPECIFICATIONS
MODEL
RESISTANCE
RANGE
RATED POWER
P70 °C
W
LIMITING ELEMENT
VOLTAGE
V
TOLERANCE
± %
TEMPERATURE
COEFFICIENT
± ppm/°C
RCMT01
1 to 511K
0.063
200
0.1, 0.2, 0.5, 1
15, 25, 50
RCMT02
1 to 322K
0.125
300
0.1, 0.2, 0.5, 1
15, 25, 50
RCMT05
1 to 1M
0.250
350
0.1, 0.2, 0.5, 1
15, 25, 50
RCMT08
1 to 1.5M
0.500
400
0.1, 0.2, 0.5, 1
15, 25, 50
RCMT1
1 to 2M
1.0
500
0.1, 0.2, 0.5, 1
15, 25, 50
RCMT2
1 to 2.5M
2.0
600
0.1, 0.2, 0.5, 1
15, 25, 50
RCMT4
1 to 5M
4.0
800
0.1, 0.2, 0.5, 1
15, 25, 50
25 min.
25 min.
A
Ø C
Ø B


Similar Part No. - RCMT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RCM-15 ETC2-RCM-15 Datasheet
258Kb / 2P
Compact 15??rack mount display monitor with 7U height
RCM-17 ETC2-RCM-17 Datasheet
269Kb / 2P
Compact 17??rack mount display monitor with 8U height
RCM-19 ETC2-RCM-19 Datasheet
293Kb / 2P
Compact 19??rack mount display monitor with 8.5U height
logo
Mini-Circuits
RCM-3SP4T-18 MINI-RCM-3SP4T-18 Datasheet
557Kb / 7P
RF SP4T Switch Matrix
REV. A
RCM-3SPDT-75F MINI-RCM-3SPDT-75F Datasheet
798Kb / 8P
3 x SP2T Mechanical Switch Assembly
REV. A
More results

Similar Description - RCMT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PMA0207 VISHAY-PMA0207 Datasheet
108Kb / 4P
Metal Film Resistors, Precision, High Stability
05-Aug-02
RCMA VISHAY-RCMA Datasheet
149Kb / 4P
Molded Metal Film Very High Stability and Precision Resistors
12-Sep-14
logo
American Accurate Compo...
RN50R100BM AAC-RN50R100BM Datasheet
141Kb / 2P
RN Series Molded Metal Film High Precision Resistors
logo
Vishay Siliconix
RCMS02 VISHAY-RCMS02 Datasheet
309Kb / 4P
Molded Metal Film High Stability Resistors
02-Oct-09
logo
Riedon Powertron
MP55 RIEDON-MP55 Datasheet
189Kb / 2P
Ultra Precision Molded Metal Film Resistors
logo
YAGEO Corporation
RT0603BRD073K57L YAGEO-RT0603BRD073K57L Datasheet
381Kb / 10P
THIN FILM CHIP RESISTORS High precision - high stability
logo
Vishay Siliconix
PSF VISHAY-PSF Datasheet
90Kb / 4P
Metal Film Resistors, High Precision, High Stability, Surface Mount
13-Jul-12
PTF VISHAY-PTF Datasheet
156Kb / 4P
Metal Film Resistors, High Precision, High Stability
15-Nov-12
RCMS02 VISHAY-RCMS02_15 Datasheet
79Kb / 4P
Molded Metal Film High Stability Resistors
05-Aug-13
RCMS02 VISHAY-RCMS02_V01 Datasheet
83Kb / 4P
Molded Metal Film High Stability Resistors
27-Jul-2021
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com