Electronic Components Datasheet Search
  English  ▼

X  

RCMT Datasheet(PDF) 3 Page - Vishay Siliconix

Part # RCMT
Description  Molded Metal Film High Stability (< 0.25 % after 1000 h) High Temperature (up to 175 °C) Precision Resistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RCMT Datasheet(HTML) 3 Page - Vishay Siliconix

  RCMT Datasheet HTML 1Page - Vishay Siliconix RCMT Datasheet HTML 2Page - Vishay Siliconix RCMT Datasheet HTML 3Page - Vishay Siliconix RCMT Datasheet HTML 4Page - Vishay Siliconix RCMT Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
RCMT
www.vishay.com
Vishay Sfernice
Revision: 12-Sep-14
3
Document Number: 52011
For technical questions, contact: sferfixedresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ENVIRONMENTAL SPECIFICATIONS
Insulation Resistance
> 107 M
Voltage Coefficient
10 ppm/V
Environmental Specifications - 65 °C/+ 175 °C/56 days
PRACTICAL OPERATING TOLERANCES
After the 10 000 h load life test, at nominal power rating,
90'/30' cycles, + 125 °C ambient temperature, the total
actual drifts measured at + 125 °C are the following:
POWER RATING
TEMPERATURE RISE
NOISE LEVEL
In a frequency decade, the average noise level is 0.1 μV/V
for models RCMT08, RCMT1, RCMT2, and RCMT4 in all
ohmic values. It progressively increases as a function of the
ohmic value and can reach 0.2 μV/V for the highest values of
models RCMT02 and RCMT05 (0.1 μV/V for R < 10 k
).
SPECIAL APPLICATIONS
Temperature coefficient tracking to 5 ppm.
Tolerance matching to 0.05 %.
Selection of positive or negative TCR in temperature range
of - 20 °C to + 125 °C.
For these applications and other requirements consult
Vishay Sfernice.
RECOMMENDATION
The lower the ohmic value, the more important the influence
of lead resistance is on measurements. The nominal
resistance value is therefore measured at a distance of
5 mm from resistor body.
MARKING
Printed: Series, style, NF style if applicable, ohmic value
(in
), tolerance (in %), temperature coefficient,
manufacturing date. Due to lack of space, RCMT02 is
referenced as MT02.
TEMPERATURE COEFFICIENT
TCR CODE
TEMPERATURE RANGE
NOMINAL TEMPERATURE
COEFFICIENT
TEMPERATURE RANGE
TYPICAL TEMPERATURE
COEFFICIENT
K5
0 °C to + 155 °C
± 15 ppm/°C
0 °C to + 70 °C
± 10 ppm/°C
K4
- 55 °C to + 175 °C
± 25 ppm/°C
- 10 °C to + 70 °C
± 15 ppm/°C
K3
- 55 °C to + 175 °C
± 50 ppm/°C
- 10 °C to + 70 °C
± 30 ppm/°C
Manufacturing tolerance
± 0.1 %
± 1 %
Drift due to TCR (K4) + life drift
± 0.25 %
± 0.35 %
Max. total deviation from nominal
ohmic value, including the
manufacturing tolerance
± 0.35 %
± 1.35 %
AMBIENT TEMPERATURE IN °C
100
50
0
0
25
50
70
100
125
150
175
40
50
30
20
10
0
0
1.0
0.5
1.5
2.0
RATED POWER IN W
RCMT2
RCMT4



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com