Electronic Components Datasheet Search
  English  ▼

X  

RCMT Datasheet(PDF) 2 Page - Vishay Siliconix

Part # RCMT
Description  Molded Metal Film High Stability (< 0.25 % after 1000 h) High Temperature (up to 175 °C) Precision Resistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RCMT Datasheet(HTML) 2 Page - Vishay Siliconix

  RCMT Datasheet HTML 1Page - Vishay Siliconix RCMT Datasheet HTML 2Page - Vishay Siliconix RCMT Datasheet HTML 3Page - Vishay Siliconix RCMT Datasheet HTML 4Page - Vishay Siliconix RCMT Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
RCMT
www.vishay.com
Vishay Sfernice
Revision: 12-Sep-14
2
Document Number: 52011
For technical questions, contact: sferfixedresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
•
Undergoes European Quality Insurance System (CECC)
TECHNICAL SPECIFICATIONS
VISHAY
SFERNICE
SERIES
NF C
83-230
CECC 40
101-044
POWER
RATING
AT + 70 °C
POWER
RATING
AT + 125 °C
RESISTANCE VALUE RANGE IN RELATION TO
- TEMPERATURE COEFFICIENT
- TOLERANCE
MAXIMUM
VOLTAGE
CRITICAL
RESISTANCE
K3
K4
K5
± 0.2 %
± 0.5 %
± 1 %
± 0.1 %
± 0.2 %
± 0.5 %
± 1 %
± 0.1 %
± 0.2 %
± 0.5 %
± 1 %
RCMT01
K3
-
0.063 W
0.05 W
10
511 k
1
511 k
49.9
100 k
49.9
511 k
100
100 k
100
100 k
200 V
-
RCMT01
K4
-
RCMT02
K3
RS
56C
0.125 W
0.1 W
10
332 k
1
332 k
10
332 k
1
332 k
10
100 k
10
332 k
300 V
-
RCMT02
K4
RS
56E
RCMT05
K3
RS
60C
0.25 W
0.125 W
10
332 k
1
1 M
10
332 k
1
1 M
10
332 k
10
1 M
350 V
980 k
RCMT05
K4
RS
60E
RCMT08
K3
RS
65C
0.5 W
0.25 W
10
1 M
1
1.5 M
10
1 M
1
1.5 M
10
750 k
10
1.5 M
400 V
640 k
RCMT08
K4
RS
65E
RCMT1
K3
RS
70C
1 W
0.5 W
10
1 M
1
2 M
10
1 M
1
2 M
10
750 k
10
2 M
500 V
500 k
RCMT1
K4
RS
70E
RCMT2
K3
-
2 W
1 W
10
1 M
1
2.5 M
10
1 M
1
2.5 M
10
100 k
10
100 k
600 V
360 k
RCMT2
K4
-
RCMT4
K3
-
4 W
2 W
10
2.5 M
1
5 M
10
2.5 M
1
5 M
10
100 k
10
100 k
800 V
320 k
RCMT4
K4
-
PERFORMANCE
EN140100 - CECC 40 101-044
TYPICAL VALUES
AND DRIFTS
TESTS
CONDITIONS
REQUIREMENTS
Dielectric Voltage
2 Un/1 min
± 0.25 %
< ± 0.05 % or 0.05
Short Time Overload
2.5 Um/5 s
limited to 2 Un
± 0.25 %
± 0.05 % or 0.05
Load Life at Maximum
Category Temperature
1000 h at + 155 °C
0 % of Pr
± 0.5 %
± 0.25 % or 0.05
Damp Heat Humidity
(Steady State)
56 days
with low load
± 0.5 %
± 0.2 % or 0.05
Insulation resistance > 106 M
Rapid Temperature Change
- 55 °C + 175 °C
± 0.1 %
± 0.05 % or 0.05
Climatic Sequence
- 65 °C + 175 °C
severity 1
± 0.5 %
Insulation resistance > 103 M
± 0.2 % or 0.05
Insulation resistance > 106 M
Terminal Strength
Pull - twist - 2 bends
± 0.1 %
± 0.05 % or 0.05
Vibration
Severity 55 B
± 0.1 %
± 0.05 % or 0.05
Soldering (Thermal Shock)
+ 260 °C 10 s
± 0.1 %
± 0.05 % or 0.05
Load Life
Cycle 90'/30'
70 °C ambient
1000 h at Pn
± 0.5 %
± 0.15 % or 0.05
10 000 h at Pn
-
± 0.25 % or 0.05
Shelf Life
1 year ambient temperature
-
< ± 0.05 %



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com