Electronic Components Datasheet Search
  English  ▼

X  

MT8926AP Datasheet(PDF) 6 Page - Mitel Networks Corporation

Part # MT8926AP
Description  ISO-CMOS ST-BUS??FAMILY T1 Performance Monitoring Adjunct Circuit (PMAC)
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8926AP Datasheet(HTML) 6 Page - Mitel Networks Corporation

Back Button MT8926AP Datasheet HTML 2Page - Mitel Networks Corporation MT8926AP Datasheet HTML 3Page - Mitel Networks Corporation MT8926AP Datasheet HTML 4Page - Mitel Networks Corporation MT8926AP Datasheet HTML 5Page - Mitel Networks Corporation MT8926AP Datasheet HTML 6Page - Mitel Networks Corporation MT8926AP Datasheet HTML 7Page - Mitel Networks Corporation MT8926AP Datasheet HTML 8Page - Mitel Networks Corporation MT8926AP Datasheet HTML 9Page - Mitel Networks Corporation MT8926AP Datasheet HTML 10Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
4-8
MT8926
Figure 5 - CSTo Channel Allocation Versus T1 Channels
CSTo
0-2
PCSW
3
PS
W
4-6
PCSW
7
PM
SW
8-10
PCSW
11
CRC
12-14
PCSW
15
MS
W1
16-18
PCSW
19
EF
EC
20-22
PCSW
23
BPV
24-26
PCSW
2
27
Rx
BOM
28-30
PCSW
31
MS
W2
T1
1-3
4-6
7-9
10-12
13-15
16-18
19-21
22-24
Cyclic Redundancy
Check-6 Error Counter
Bit
7-5
4
Function
Not Used
LLDD (001)
Bit
7
0
Function
Received First
LSB
PCSW = Per Channel Status Word
PMAC Miscellaneous
Status Word
Master Status Word 1
Errored Frame
Event Counter
Bit
7-4
3-0
Function
SE (MSB-LSB)
FE (MSB-LSB)
LLED (00001)
FECV
TMR (2SEC)
BOMV
3
2
1
0
Received Bit-Oriented
Message Register
Bipolar Violation Counter
Master Status Word 2
Bit
Function
7MSB
0
Received Last
Bit
7*
Function
YLALR
Bit
0
Function
LSB
7MSB
6*
5
4
3*
2
1*
0*
MIMIC
ALRM
RAI (ESF YELLOW)
MFSYNC
LOS
SLIP
SYN
Bit
7*
Function
BlAlm
6*
5*
4
3
2
1
0
FrCnt
Xst
SEI
FSI
CSI
BSI
AIS
PSW = Phase Status Word
* MT8976/77 Data unaltered by
the MT8926
connects to DSTi1 of the PMAC and to the receive
side of the system. This allows the PMAC to perform
a payload loopback by internally connecting DSTi1 to
DSTo. In normal operation, transmit data will flow
from DSTi0 to DSTo of the PMAC to DSTi of the
MT8976/77.
PMAC RESET
The MT8926 functions may be suspended by making
the RESET input low (RESET must be high for
normal operation). In the reset state, data entering
the PMAC on FDLi, DSTi0 and CSTi0 will pass
through
unaltered
to
FDLo,
DSTo
and
CSTo
respectively.
E8Ko will be high, IRQ will be high
impedance and the 1SEC output (and TMR bit) will
be low.
After the MT8976/77 has acquired frame synchroni-
zation and RESET returns high, the MT8926 will
require two superframes to acquire synchronization
and two ST-BUS frames to align to the ST-BUS.
RESET can be used to prevent DS1 interface
Figure 6 - Payload and Line Loopback Operation
Repeating
001
Repeating
00001
ST-BUS Transmit
Data Stream
ST-BUS Receive
Data Stream
To PMAC
Control
4 to 1 MUX
CSTi1
DSTo
LCW
DSTi0
DSTi1
From System
Control
CSTi1
DSTi
DSTo
TxB
TxA
RxA
RxB
ECLK
MT8976/77
MT8926
LCW = Loopback Control Word
LCW
0 0
0 1
1 0
1 1
Function
DSTi0 to DSTo
DSTi1 to DSTo
00001 to DSTo (activate)
001 to DSTo (deactivate)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com