Electronic Components Datasheet Search
  English  ▼

X  

MT8930C Datasheet(PDF) 3 Page - Mitel Networks Corporation

Part # MT8930C
Description  CMOS ST-BUS??FAMILY Subscriber Network Interface Circuit Preliminary Information
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8930C Datasheet(HTML) 3 Page - Mitel Networks Corporation

  MT8930C Datasheet HTML 1Page - Mitel Networks Corporation MT8930C Datasheet HTML 2Page - Mitel Networks Corporation MT8930C Datasheet HTML 3Page - Mitel Networks Corporation MT8930C Datasheet HTML 4Page - Mitel Networks Corporation MT8930C Datasheet HTML 5Page - Mitel Networks Corporation MT8930C Datasheet HTML 6Page - Mitel Networks Corporation MT8930C Datasheet HTML 7Page - Mitel Networks Corporation MT8930C Datasheet HTML 8Page - Mitel Networks Corporation MT8930C Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
Preliminary Information
MT8930C
9-37
916
R/W/WR
AFT/PRI
Read/Write or Write Input (Cmode = 1): defines the data bus transfer as a read (R/
W=1) or a write (R/W=0) in Motorola bus mode. Redefined to WR in Intel bus mode.
Adaptive-Fixed Timing/Priority Select Input (Cmode=0): in NT mode, causes the
PLL and Rx filters and peak detectors to be disabled in favour of fixed timing and fixed
thresholds for short passive bus operation (0=fixed, 1=adaptive). In TE mode, this is the
Priority input. High priority (PRI=1) is normally reserved for signalling.
10
17
DS/RD
DinB
Data Strobe/Read Input (Cmode = 1): active high input indicates to the SNIC that
valid data is on the bus during a write operation or that the SNIC must output data
during a read operation in Motorola bus mode. Redefined to RD in Intel bus mode.
D-Channel in B1 Timeslot Input (Cmode = 0): active high input that causes all
eight ST-BUS D-channel bits, instead of the usual two bits, to be routed to and
from the S-interface B1 timeslot.
When active, marks are transmitted in the
S-interface D-channel.
11
19
AS/ALE
P/SC
Address Strobe/Address Latch Enable Input (Cmode = 1): in Motorola bus mode
the falling edge is used to strobe the address into the SNIC during microprocessor
access. Redefined to ALE in Intel bus mode.
Parallel/Serial Control Input (Cmode = 0): determines if the serial C-channel
(P/SC=0) or microport pins (P/SC=1) are the source of chip control when controllerless
mode is selected. If the ST-BUS is chosen as the source, the dedicated Control input
pins are ignored but the status output pins remain valid.
12
20
CS
DReq
IC
Chip Select Input (Cmode=1): active low input used to select the SNIC for
microprocessor access.
D-Channel Request Input (Cmode = 0): an active high input that in TE mode only
causes the SNIC to transmit a “01111110” flag immediately if the D-channel is free, or
wait until it becomes available and then transmit the flag. The DCack signals the
successful acquisition of the D-channel. If DReq is tied low, continuous ones are
transmitted in the S-Bus D-channel.
Internal Connection (Cmode = 0): tie to VSS for normal operation in NT mode only.
13
21
IRQ
NDA
DCack
IC
Interrupt Request (Open Drain Output) (Cmode = 1): an output indicating an
unmasked HDLC interrupt. The interrupt remains active until the microprocessor clears
it by reading the HDLC Interrupt Status Register. This interrupt source is enabled with
B2=0 of Master Control Register.
New Data Available (Open Drain Output) (Cmode = 1): an active low output signal
indicating availability of new data from the S-Bus. This signal is selected with B2=1 of
Master Control Register.
D-Channel Acknowledge (Open Drain Output) (Cmode = 0): in TE mode only
indicates that the SNIC has gained access to the D-channel in response to a DReq and
has transmitted the first zero of an opening flag. The user should immediately begin
transmitting the rest of the packet over the ST-BUS D-channel. If this signal goes high
in the middle of transmission, the TE has lost the bus and must regain access of the D-
channel before retransmitting the packet.
Internal Connection (Open Drain Output) (C-mode=0). This pin is not used in NT
mode and should be left disconnected.
This pin must be tied to VDD with a 10kΩ resistor.
14
22
VSS
Ground.
15-
22
24-26
30-32
34-35
AD0-7
Bidirectional Address/Data Bus (Cmode = 1): electrically and logically compatible to
either Intel or Motorola micro-bus specifications. If DS/RD is low on the rising edge of
AS/ALE then the chip operates to Motorola specs. If DS/RD is high on the rising edge
of AS/ALE Intel mode is selected. Taking Rsti low sets Motorola mode.
15-
16
24-
25
IS0-IS1
Internal State Outputs (Cmode =0): Binary encoded state number outputs.
IS0
IS1
NT Mode
TE Mode
0
0
deactivated
deactivated
0
1
pending deactivation
synchronized
1
0
pending activation
activation request
1
1
activated
activated
Pin Description (continued)
Pin #
Name
Description
DIP
PLCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com