Electronic Components Datasheet Search
  English  ▼

X  

MT8930C Datasheet(PDF) 34 Page - Mitel Networks Corporation

Part # MT8930C
Description  CMOS ST-BUS??FAMILY Subscriber Network Interface Circuit Preliminary Information
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8930C Datasheet(HTML) 34 Page - Mitel Networks Corporation

Back Button MT8930C Datasheet HTML 28Page - Mitel Networks Corporation MT8930C Datasheet HTML 29Page - Mitel Networks Corporation MT8930C Datasheet HTML 30Page - Mitel Networks Corporation MT8930C Datasheet HTML 31Page - Mitel Networks Corporation MT8930C Datasheet HTML 32Page - Mitel Networks Corporation MT8930C Datasheet HTML 33Page - Mitel Networks Corporation MT8930C Datasheet HTML 34Page - Mitel Networks Corporation MT8930C Datasheet HTML 35Page - Mitel Networks Corporation MT8930C Datasheet HTML 36Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 34 / 36 page
background image
MT8930C
Preliminary Information
9-68
† Characteristics are for clocked operation over the ranges of recommended operating temperature and supply voltage.
‡ Typical figures are at 25°C and are for design aid only: not guaranteed and not subject to production testing.
Figure 26 - Motorola Bus Interface Timing
AC Electrical Characteristics† - Motorola Bus Interface Timing (Ref. Figure 26)
Characteristics
Sym
Min
Typ‡
Max
Units
Test Conditions
1
Chip select setup time
tCSS
10
ns
2
Chip select hold time
tCSH
10
ns
3
Address strobe pulse width
tASW
50
ns
4
Data strobe setup time
tDSS
20
ns
5
Data strobe hold
tDSH
20
ns
6
Data strobe pulse width
- Write
- Read
tDSW
100
240
ns
ns
7
Read/Write setup time
tRWS
40
ns
8
Read/Write hold time
tRWH
10
ns
9
Address setup time
tADS
20
ns
10
Address hold time
tADH
20
ns
11
Data setup time - Write
tDWS
35
ns
12
Data hold time - Write
tDHW
30
ns
13
Data output delay
tDOD
240
ns
50 pF load
14
Data hold time - Read
tDHR
25
90
ns
50 pF load
CS
AS
DS
R/W
AD0
-AD7
(Write)
AD0
-AD7
(Read)
VIH
VIL
VIH
VIL
VIH
VIL
VIH
VIL
VIH
VIL
VI/OH
VI/OL
tCSS
tCSH
tASW
tDSS
tDSH
tDSW
tRWS
tRWH
tADS
tADH
tDWS
tDHW
tADS
tADH
tDOD
tDHR
Address
Data Output
Address
Data Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com