Electronic Components Datasheet Search
  English  ▼

X  

MT8930C Datasheet(PDF) 32 Page - Mitel Networks Corporation

Part # MT8930C
Description  CMOS ST-BUS??FAMILY Subscriber Network Interface Circuit Preliminary Information
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8930C Datasheet(HTML) 32 Page - Mitel Networks Corporation

Back Button MT8930C Datasheet HTML 28Page - Mitel Networks Corporation MT8930C Datasheet HTML 29Page - Mitel Networks Corporation MT8930C Datasheet HTML 30Page - Mitel Networks Corporation MT8930C Datasheet HTML 31Page - Mitel Networks Corporation MT8930C Datasheet HTML 32Page - Mitel Networks Corporation MT8930C Datasheet HTML 33Page - Mitel Networks Corporation MT8930C Datasheet HTML 34Page - Mitel Networks Corporation MT8930C Datasheet HTML 35Page - Mitel Networks Corporation MT8930C Datasheet HTML 36Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
MT8930C
Preliminary Information
9-66
† Timing is over recommended temperature & power supply voltages
‡ Typical figures are at 25°C and are for design aid only: not guaranteed and not subject to production testing.
Figure 23 - ST-BUS Timing TE Mode
AC Electrical Characteristics† - ST-BUS Timing TE Mode (Ref. Figure 23)
Characteristics
Sym
Min
Typ‡
Max
Units
Test Conditions
1F0b output pulse width
tFPW
244
ns
50 pF load
2
C4b to (F0b) delay
tCFD
10
50
ns
50 pF load
3
C4b to (F0b) hold time
tCFH
10
50
ns
50 pF load
4
C4b output clock period
tP4o
244
ns
50 pF load
5
C4b pulse width High or Low
tC4W
110
122
ns
50 pF load (activated state)
6
C4b transition time
tC4T
20
ns
50 pF load
7
F0od delay
tDFD
10
50
ns
8
F0od pulse width
tDFW
220
244
ns
9
Serial input setup time
tSIS
150
ns
10
Serial input hold time
tSIH
0ns
11
Serial output delay
tSOD
125
ns
50 pF load
12
HALF output Delay
tHAD
150
ns
50 pF load
F0b
C4b
F0od
DSTi
DSTo
HALF
VOH
VOL
VOH
VOL
VOH
VOL
VIH
VIL
VOH
VOL
VOH
VOL
tFPW
ST-BUS Bit Cell
tCFD
tCFH
tP4o
tC4W
tC4W
tC4T
tDFD
tSIS
tSIH
tDFW
tSOD
tHAD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com