Electronic Components Datasheet Search
  English  ▼

X  

CDT3345 Datasheet(PDF) 7 Page - BOWIN ELECTRONIC CO.

Part # CDT3345
Description  ?쎿?雍멨뀯?믤셽若싨셽?쭵C
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOWIN [BOWIN ELECTRONIC CO.]
Direct Link  http://www.bowin-ic.com.hk
Logo BOWIN - BOWIN ELECTRONIC CO.

CDT3345 Datasheet(HTML) 7 Page - BOWIN ELECTRONIC CO.

Back Button CDT3345 Datasheet HTML 3Page - BOWIN ELECTRONIC CO. CDT3345 Datasheet HTML 4Page - BOWIN ELECTRONIC CO. CDT3345 Datasheet HTML 5Page - BOWIN ELECTRONIC CO. CDT3345 Datasheet HTML 6Page - BOWIN ELECTRONIC CO. CDT3345 Datasheet HTML 7Page - BOWIN ELECTRONIC CO. CDT3345 Datasheet HTML 8Page - BOWIN ELECTRONIC CO. CDT3345 Datasheet HTML 9Page - BOWIN ELECTRONIC CO. CDT3345 Datasheet HTML 10Page - BOWIN ELECTRONIC CO. CDT3345 Datasheet HTML 11Page - BOWIN ELECTRONIC CO.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
CDT-3345 ---
7
CDT3345
P. 7
四段輸入倒時定時器 IC
(b). 時間由 ZC 決定(ACS = 1) : (AC 使用)
說 明
1. 使用 Rosc 時 – 可使用於 AC50/60Hz
-- BZ 有聲, LED 會閃
2. 不接 Rosc 時 – 只可使用於 AC60Hz
-- BZ 不會響, LED 不會閃
3. ACS PIN 接到 VDD
4. 使用 AC 時可推 TRIAC,須接振盪電阻 Rosc 時才可使用
VSS
BZ1
OSCO
ZC
OUT1
BZ2
VDD
K1
K2
K3
K4
LED
LEVEL HOLD
560K
OSCI
OUT3
HIGH
CDS
CDS
OUT2
LOW
ACS
Buzzer
CDT3345
TSA
TSB
AC50/60Hz
※
※
Rosc
TRIAC
OUT3
load
Triac
473
10K
5.
使用 Triac 時: 線路參考用



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com