| Electronic Components Datasheet Search |
|
MT8930CE Datasheet(PDF) 13 Page - Mitel Networks Corporation |
|
|
|||||||||||||||||||||||||||||
MT8930CE Datasheet(HTML) 13 Page - Mitel Networks Corporation |
|
13 / 36 page ![]() Preliminary Information MT8930C 9-47 Figure 13 - Daisy Chaining the SNIC Figure 14 - NT in Star Configuration ST-BUS Clock ST-BUS Stream System Frame Pulse MT8930C NT F0b F0od MT8930C NT F0b F0od MT8930C NT F0b F0od MT8930C NT F0b F0od to TE to TE to TE to TE Active on Channel 0 - 3 Active on Channels 4 - 7 Active on Channels 8 - 11 Active on Channels 12 - 15 VDD to TE to TE STAR F0b DSTi STAR F0b DSTi MT8930C NT MT8930C NT MT8930C NT MT8930C NT to TE to TE System Frame Pulse Input ST-BUS Stream Output ST-BUS Stream STAR F0b DSTi STAR F0b DSTi DSTo Up to eight SNICs in NT mode with physically independent S-Busses can be connected in parallel to realize a star configuration, as shown in Figure 14. All devices connected into the star will carry the same input, thus information is sent to all TEs simultaneously. The 2B+D data received from every TE is transmitted to all NTs through the STAR pin. Consequently, all the DSTo streams will carry identical 2B+D data reflecting what is being transmitted by the various TEs. The flow of data in the direction of S-Bus to ST-BUS is transparent to the SNIC, regardless of the state machine status. On the other hand, the flow of data in the direction of ST-BUS to S-Bus becomes transparent only after the state machine is in the active state (IS0, IS1=1,1), in case of an NT, or in the synchronization state (IS0, IS1=1), in case of a TE. Microprocessor/Control Interface The parallel port on the SNIC operates as either a general purpose microprocessor interface or as a hardwired control port. In microprocessor control mode (Cmode = 1), the parallel port is compatible with either Motorola or Intel multiplexed bus signals and timing. The MOTEL circuit (MOtorola and InTEL Compatible bus) uses the level of the DS/RD pin at the rising edge of AS/ALE to select the appropriate bus timing. If DS/RD is low at the rising edge of AS/ALE (refer Fig. 26) then Motorola bus timing is selected. Conversely, if DS/RD is high at the rising edge of AS/ALE (refer Figs. 24 & 25), then Intel bus timing is selected. This has the effect of redefining the microprocessor port transparently to the user. In this mode, the user has the option of writing to the C-channel Control or Diagnostic Register through the parallel port interface or through the C-channel on DSTi. Bit 0 of the Master Control Register provides this option. The parallel port on the SNIC allows complete control of the HDLC transceiver and access to all data, control and status registers. The internal registers (defined in Table 2) can be accessed through the microprocessor port only when the Cmode pin is held high. Reading these registers allows the microprocessor to monitor incoming data on the S or ST-BUS without interrupting the normal data flow. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |