Electronic Components Datasheet Search
  English  ▼

X  

MT8930CE Datasheet(PDF) 30 Page - Mitel Networks Corporation

Part # MT8930CE
Description  CMOS ST-BUS??FAMILY Subscriber Network Interface Circuit Preliminary Information
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8930CE Datasheet(HTML) 30 Page - Mitel Networks Corporation

Back Button MT8930CE Datasheet HTML 26Page - Mitel Networks Corporation MT8930CE Datasheet HTML 27Page - Mitel Networks Corporation MT8930CE Datasheet HTML 28Page - Mitel Networks Corporation MT8930CE Datasheet HTML 29Page - Mitel Networks Corporation MT8930CE Datasheet HTML 30Page - Mitel Networks Corporation MT8930CE Datasheet HTML 31Page - Mitel Networks Corporation MT8930CE Datasheet HTML 32Page - Mitel Networks Corporation MT8930CE Datasheet HTML 33Page - Mitel Networks Corporation MT8930CE Datasheet HTML 34Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
MT8930C
Preliminary Information
9-64
* Exceeding these values may cause permanent damage. Functional operation under these conditions is not implied.
‡ Typical figures are at 25°C and are for design aid only: not guaranteed and not subject to production testing.
* Except for CK/NT pin. See below.
** Including the transformer DC resistance.
‡ Typical figures are at 25°C and are for design aid only: not guaranteed and not subject to production testing.
‡ Typical figures are at 25°C and are for design aid only: not guaranteed and not subject to production testing.
Absolute Maximum Ratings*
Parameters
Symbol
Min
Max
Units
1
Supply Voltage
VDD
-0.3
7.0
V
2
Voltage on any I/O pin
VI/O
-0.3
VDD + 0.3
V
3
Current on any I/O pin
II/O
20
mA
4
Storage Temperature
TST
-65
150
°C
5
Package Power Dissipation
PD
1000
mW
Recommended Operating Conditions - Voltages are with respect to ground (V
SS) unless otherwise stated
Characteristics
Sym
Min
Typ‡
Max
Units
Test Conditions
1
Supply Voltage
VDD
4.75
5.0
5.25
V
2
Input High Voltage*
VIH
2.4
VDD
V
For 400mV noise margin
3
Input Low Voltage*
VIL
0
0.4
V
For 400mV noise margin
4
Load Resistance
(LTx)
RL
250**
Ω
With reference to VBias
5
Load Capacitance
(LTx)
CL
32
pF
With reference to VBias
6
Operating Temperature
TOP
-40
85
°C
DC Electrical Characteristics - Voltages are with respect to ground (V
SS) unless otherwise stated
Characteristics
Sym
Min
Typ‡
Max
Units
Test Conditions
1
Supply Current
NT Activated
NT Deactivated
TE Activated
TE Deactivated
IDDNA
IDDND
IDDTA
IDDTD
14
8
16
10
20
11
25
14
mA
mA
mA
mA
Outputs loaded
Outputs unloaded
Outputs loaded
Outputs unloaded
2
Input High Voltage except for pin
CK/NT
VIH
2.0
V
Digital inputs
3
Input High Voltage for pin CK/NT
VIH
4
V
Digital input
4
Input Low Voltage except for pin
CK/NT
VIL
0.8
V
Digital inputs
5
Input Low Voltage for pin CK/NT
VIL
1
V
Digital input
6
Output High Current
IOH
10
15
mA
VOH=2.4V digital outputs
7
Output Low Current
IOL
5
7.5
mA
VOL=0.4V digital outputs
8
Input Leakage (except pin 8)
IiI
10
µAVIN = VSS to VDD
9
Input Current for pin 8
25
µAVIN = VSS to VDD
10
Output Leakage High Imped.
IOZ
10
µAVOUT = VSS to VDD
AC Electrical Characteristics - Voltages are with respect to ground (V
SS) unless otherwise stated
Characteristics
Sym
Min
Typ‡
Max
Units
Test Conditions
1
Input Voltage
(LRx)
VIN
1.5
V
Peak with Ref. to VBias
2
Input Current
(LRx)
IIN
70
µAVI=1.5Vp Ref. VBias
@ f=0 - 100 kHz
3
Output Voltage
(LTx)
VO
1.5
V
Ref. VBias, RL=250Ω
4
Output Current
(LTx)
IO
7.5
mA
VO=1.5Vp Ref. VBias, RL=250Ω
5
Input Impedance
(LRx)
ZIN
20
k
Ω
f = 100 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com