Electronic Components Datasheet Search
  English  ▼

X  

MT8930CE Datasheet(PDF) 35 Page - Mitel Networks Corporation

Part # MT8930CE
Description  CMOS ST-BUS??FAMILY Subscriber Network Interface Circuit Preliminary Information
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8930CE Datasheet(HTML) 35 Page - Mitel Networks Corporation

Back Button MT8930CE Datasheet HTML 28Page - Mitel Networks Corporation MT8930CE Datasheet HTML 29Page - Mitel Networks Corporation MT8930CE Datasheet HTML 30Page - Mitel Networks Corporation MT8930CE Datasheet HTML 31Page - Mitel Networks Corporation MT8930CE Datasheet HTML 32Page - Mitel Networks Corporation MT8930CE Datasheet HTML 33Page - Mitel Networks Corporation MT8930CE Datasheet HTML 34Page - Mitel Networks Corporation MT8930CE Datasheet HTML 35Page - Mitel Networks Corporation MT8930CE Datasheet HTML 36Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 35 / 36 page
background image
Preliminary Information
MT8930C
9-69
† Characteristics are for clocked operation over the ranges of recommended operating temperature and supply voltage.
‡ Typical figures are at 25°C and are for design aid only: not guaranteed and not subject to production testing.
Figure 27 - Controllerless Mode Timing
† Characteristics are for clocked operation over the ranges of recommended operating temperature and supply voltage.
‡ Typical figures are at 25°C and are for design aid only: not guaranteed and not subject to production testing.
Figure 28 - INT & Rsti Timing
AC Electrical Characteristics† - Controllerless Mode Timing (Ref. Figure 27)
Characteristics
Sym
Min
Typ‡
Max
Units
Test Conditions
1Cmode inputs setup time (TE Mode)
tCIS
120
ns
2Cmode inputs setup time (NT Mode)
tCIS
120
ns
3Cmode inputs hold time (TE Mode)
tCIH
120
ns
4Cmode inputs hold time (NT Mode)
tCIH
120
ns
5Cmode outputs delay (TE Mode)
tCOD
240
ns
50 pF load
6Cmode outputs delay (NT Mode)
tCOD
240
ns
50 pF load
AC Electrical Characteristics† - IRQ, Rsti Timing (Ref. Figure 28)
Characteristics
Sym
Min
Typ‡
Max
Units
Test Conditions
1
Interrupt release delay
tIRD
100
ns
2
Reset pulse width
tRSW
1
µs
F0b
C4b
Inputs
Outputs
Controllerless Inputs include:
VIH
VIL
VIH
VIL
VIH
VIL
VOH
VOL
tCIS
tCIH
tCOD
MFR (NT Mode)
MCH (TE Mode)
M/S (NT Mode)
AR
DR
Controllerless Outputs include:
IS0 & IS1
MFR (TE Mode)
MCH (NT Mode)
M/S (TE Mode)
DS/RD
IRQ
Rsti
VIH
VIL
VOH
VOL
VIH
VIL
tIRD
tRSW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com