Electronic Components Datasheet Search
  English  ▼

X  

MT8940 Datasheet(PDF) 7 Page - Mitel Networks Corporation

Part # MT8940
Description  ISO-CMOS ST-BUS??FAMILY T1/CEPT Digital Trunk PLL
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8940 Datasheet(HTML) 7 Page - Mitel Networks Corporation

Back Button MT8940 Datasheet HTML 3Page - Mitel Networks Corporation MT8940 Datasheet HTML 4Page - Mitel Networks Corporation MT8940 Datasheet HTML 5Page - Mitel Networks Corporation MT8940 Datasheet HTML 6Page - Mitel Networks Corporation MT8940 Datasheet HTML 7Page - Mitel Networks Corporation MT8940 Datasheet HTML 8Page - Mitel Networks Corporation MT8940 Datasheet HTML 9Page - Mitel Networks Corporation MT8940 Datasheet HTML 10Page - Mitel Networks Corporation MT8940 Datasheet HTML 11Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
ISO-CMOS
MT8940
3-33
Applications
The following figures illustrate how the MT8940 can
be used in a minimum component count approach to
providing the timing and synchronization signals for
the Mitel T1 and CEPT interfaces, and the ST-BUS.
The
hardware
selectable
modes
and
the
independent control over each PLL adds flexibility to
the interface circuits. It can be easily reconfigured to
provide the timing and control signals for both at the
master and slave ends of the link.
Synchronization and Timing Signals for the T1
Transmission Link
Figures 4 and 5 show examples of how to generate
the timing signals for the master and slave ends of a
T1 link.
At the master end of the link (Figure 4), DPLL #2 is
the source of the ST-BUS signals derived from the
4.096 MHz system clock. The frame pulse output is
looped back to DPLL #1 (in NORMAL mode), which
locks to it to generate the T1 line clock. The timing
relationship between the 1.544 MHz T1 clock and the
2.048 MHz ST-BUS clock meets the requirements of
the MH89760/760B. The crystal clock at 12.355 MHz
is used by DPLL #1 to generate the 1.544 MHz clock,
while DPLL #2 uses the 4.096 MHz system clock to
provide the ST-BUS timing signals. The ST-BUS
signals can also be obtained from DPLL #2 in FREE-
RUN mode, using a crystal clock at 16.388 MHz
instead
of
4.096
MHz
system
clock.
The
uncommitted NAND gate converts the received
signals, RxA and RxB of the MH89760 to a single
Return to Zero (RZ) input for the clock extraction
circuits of the MH89760. This is not required for the
MH89760B. The generated ST-BUS signals can be
used to synchronize the system and the switching
equipment at the master end.
At the slave end of the link (Figure 5) both the DPLLs
are in NORMAL mode with DPLL #2 providing the
ST-BUS timing signals locked to the 8 kHz frame
pulse (E8Ko) extracted from the received signal on
the T1 line. The regenerated frame pulse is looped
back to DPLL #1 to provide the T1 line clock as at
the master end. The 12.355 MHz and 16.388 MHz
crystal clock sources are necessary for DPLL #1 and
#2.
Synchronization and Timing Signals for the
CEPT Transmission Link
The MT8940 can be used to provide the timing and
synchronization
signals
for
the
MH89790/790B,
MITEL’s CEPT(30+2) digital trunk interface hybrid.
Since the operational frequencies of the ST-BUS and
the CEPT primary multiplex digital trunk are same,
only DPLL #2 is required to achieve synchronization
between the two
.
Figures 6 and 7 show how the MT8940 can be used
to
synchronize
the
ST-BUS
and
the
CEPT
transmission link at the master and slave ends,
respectively.
Figure 4 - Synchronization at the Master End of the T1 Transmission Link
Crystal Clock
(12.355 MHz
±100 ppm)
4.096 MHz
System Clock
(ST-BUS
compatible)
MT8940
MS0
MS1
MS2
MS3
F0i
C12i
ENCV
C8Kb
C16i
ENC4o
ENC2o
Ai
Bi
VSS
VDD
CV
C4b
C2o
F0b
Yo
RST
MH89760
C1.5i
C2i
F0i
RxA
RxB
RxD
DSTi
DSTo
CSTi
CSTo
TxT
TxR
RxT
RxR
MT8980/81
ST-BUS
SWITCH
T1
LINK
(1.544 Mbps)
TRANSMIT
RECEIVE
MODE OF OPERATION FOR THE MT8940
DPLL #1 - NORMAL (MS0 = X; MS1 = 0)
DPLL #2 - OVERRIDE THE MAJOR MODES (MS2 = 1; MS3 = 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com