Electronic Components Datasheet Search
  English  ▼

X  

CDT3380 Datasheet(PDF) 2 Page - BOWIN ELECTRONIC CO.

Part # CDT3380
Description  AC/DC ?덁림?㎩댍IC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOWIN [BOWIN ELECTRONIC CO.]
Direct Link  http://www.bowin-ic.com.hk
Logo BOWIN - BOWIN ELECTRONIC CO.

CDT3380 Datasheet(HTML) 2 Page - BOWIN ELECTRONIC CO.

  CDT3380 Datasheet HTML 1Page - BOWIN ELECTRONIC CO. CDT3380 Datasheet HTML 2Page - BOWIN ELECTRONIC CO. CDT3380 Datasheet HTML 3Page - BOWIN ELECTRONIC CO. CDT3380 Datasheet HTML 4Page - BOWIN ELECTRONIC CO.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CDT-3380
2
1
1
CDT3380
P. 2
AC/DC 燈串控制 IC
I
DC 應 用 線 路 (=CDT3380D)
註: Rosc 為參考值, 阻值可以加減, 增加效果。
CDT3380D
K3
OSCO
K4
OSCI
K5
L4
K6
L3
K7
L2
K8
L1
K1
VDD
18
2
17
3
16
4
15
5
14
6
13
7
12
CDT3380D
K2
ZC
VSS
TEST
8
9
11
10
200K
4.5VDC
K3
OSCO
K4
OSCI
K5
L4
K6
L3
K7
L2
K8
L1
K1
VDD
18
2
17
3
16
4
15
5
14
6
13
7
12
K2
ZC
VSS
TEST
8
9
11
10
200K
4.5VDC
8550
8550
8550
8550
紅 LED
R



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com