Electronic Components Datasheet Search
  English  ▼

X  

CDT3380 Datasheet(PDF) 3 Page - BOWIN ELECTRONIC CO.

Part # CDT3380
Description  AC/DC ?덁림?㎩댍IC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOWIN [BOWIN ELECTRONIC CO.]
Direct Link  http://www.bowin-ic.com.hk
Logo BOWIN - BOWIN ELECTRONIC CO.

CDT3380 Datasheet(HTML) 3 Page - BOWIN ELECTRONIC CO.

  CDT3380 Datasheet HTML 1Page - BOWIN ELECTRONIC CO. CDT3380 Datasheet HTML 2Page - BOWIN ELECTRONIC CO. CDT3380 Datasheet HTML 3Page - BOWIN ELECTRONIC CO. CDT3380 Datasheet HTML 4Page - BOWIN ELECTRONIC CO.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CDT-3380
3
1
CDT3380
P. 3
AC/DC 燈串控制 IC
I
AC 應 用 線 路 (=CDT3380A,
CT-55R)
I說 明
U1
:
IC CDT3380A (CHIP FORM=CDT3380)
D1 D2 D3 D4
:
1N4004
Q1 Q2 Q3 Q4
:
SCR HXL 1225
C1
:
100µF/16V
R1
:
1 MΩ
1/4W
R2
:
82KΩ
1/2W
R3
:
220KΩ 1/4W
L1 L2 L3 L4
:
Lamps String
CDT3380A
K3
OSCO
K4
OSCI
K5
L4
K6
L3
K7
L2
K8
L1
K1
VDD
18
2
17
3
16
4
15
5
14
6
13
7
12
AC
110V
Q1
Q2
Q3
Q4
L1
L2
L3
L4
D1
D2
D3
D4
R1
C1
K2
ZC
VSS
TEST
8
9
11
10
R2
200K



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com