Electronic Components Datasheet Search
  English  ▼

X  

MT89L86AP Datasheet(PDF) 22 Page - Mitel Networks Corporation

Part # MT89L86AP
Description  CMOS ST-BUS??FAMILY Multiple Rate Digital Switch
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT89L86AP Datasheet(HTML) 22 Page - Mitel Networks Corporation

Back Button MT89L86AP Datasheet HTML 18Page - Mitel Networks Corporation MT89L86AP Datasheet HTML 19Page - Mitel Networks Corporation MT89L86AP Datasheet HTML 20Page - Mitel Networks Corporation MT89L86AP Datasheet HTML 21Page - Mitel Networks Corporation MT89L86AP Datasheet HTML 22Page - Mitel Networks Corporation MT89L86AP Datasheet HTML 23Page - Mitel Networks Corporation MT89L86AP Datasheet HTML 24Page - Mitel Networks Corporation MT89L86AP Datasheet HTML 25Page - Mitel Networks Corporation MT89L86AP Datasheet HTML 26Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
MT89L86
Advance Information
22
Figure 14 - Interfacing the 3.3V MT89L86 to the 8051 Microcontroller
RES
RST
8051
AD0
AD1
AD2
AD3
AD4
AD5
AD6
AD7
ALE
RD
WR
D
CK
Q
PR
D
CK
Q
PR
D
CK
Q
PR
8
8
CS
MTA
MT89L86
Address
Decode
LATCH
LATCH
LE
OE
OE
LE
AD0
AD1
AD2
AD3
AD4
AD5
AD6
AD7
ALE
RD
WR
CS
DTA
RD
MTA
DTA
MTA
AD0-AD7
MT89L86
DTA
RES
R
C
LRD
LWR
MT89L86
Access
DTA goes low. When writing to the MT89L86, one
write operation is sufficient. However, when reading
from the MT89L86, two read operations with the
same address are required, with the second being
valid.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com