Electronic Components Datasheet Search
  English  ▼

X  

MT89L86AP Datasheet(PDF) 39 Page - Mitel Networks Corporation

Part # MT89L86AP
Description  CMOS ST-BUS??FAMILY Multiple Rate Digital Switch
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT89L86AP Datasheet(HTML) 39 Page - Mitel Networks Corporation

Back Button MT89L86AP Datasheet HTML 32Page - Mitel Networks Corporation MT89L86AP Datasheet HTML 33Page - Mitel Networks Corporation MT89L86AP Datasheet HTML 34Page - Mitel Networks Corporation MT89L86AP Datasheet HTML 35Page - Mitel Networks Corporation MT89L86AP Datasheet HTML 36Page - Mitel Networks Corporation MT89L86AP Datasheet HTML 37Page - Mitel Networks Corporation MT89L86AP Datasheet HTML 38Page - Mitel Networks Corporation MT89L86AP Datasheet HTML 39Page - Mitel Networks Corporation MT89L86AP Datasheet HTML 40Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 39 / 40 page
background image
Package Outlines
Plastic J-Lead Chip Carrier - P-Suffix
F
D1
D
H
E1
I
A1
A
G
D2
E
E2
Dim
20-Pin
28-Pin
44-Pin
68-Pin
84-Pin
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
A
0.165
(4.20)
0.180
(4.57)
0.165
(4.20)
0.180
(4.57)
0.165
(4.20)
0.180
(4.57)
0.165
(4.20)
0.200
(5.08)
0.165
(4.20)
0.200
(5.08)
A1
0.090
(2.29)
0.120
(3.04)
0.090
(2.29)
0.120
(3.04)
0.090
(2.29)
0.120
(3.04)
0.090
(2.29)
0.130
(3.30)
0.090
(2.29)
0.130
(3.30)
D/E
0.385
(9.78)
0.395
(10.03)
0.485
(12.32)
0.495
(12.57)
0.685
(17.40)
0.695
(17.65)
0.985
(25.02)
0.995
(25.27)
1.185
(30.10)
1.195
(30.35)
D1/E1
0.350
(8.890)
0.356
(9.042)
0.450
(11.430)
0.456
(11.582)
0.650
(16.510)
0.656
(16.662)
0.950
(24.130)
0.958
(24.333)
1.150
(29.210)
1.158
(29.413)
D2/E2
0.290
(7.37)
0.330
(8.38)
0.390
(9.91)
0.430
(10.92)
0.590
(14.99)
0.630
(16.00)
0.890
(22.61)
0.930
(23.62)
1.090
(27.69)
1.130
(28.70)
e
0
0.004
0
0.004
0
0.004
0
0.004
0
0.004
F
0.026
(0.661)
0.032
(0.812)
0.026
(0.661)
0.032
(0.812)
0.026
(0.661)
0.032
(0.812)
0.026
(0.661)
0.032
(0.812)
0.026
(0.661)
0.032
(0.812)
G
0.013
(0.331)
0.021
(0.533)
0.013
(0.331)
0.021
(0.533)
0.013
(0.331)
0.021
(0.533)
0.013
(0.331)
0.021
(0.533)
0.013
(0.331)
0.021
(0.533)
H
0.050 BSC
(1.27 BSC)
0.050 BSC
(1.27 BSC)
0.050 BSC
(1.27 BSC)
0.050 BSC
(1.27 BSC)
0.050 BSC
(1.27 BSC)
I
0.020
(0.51)
0.020
(0.51)
0.020
(0.51)
0.020
(0.51)
0.020
(0.51)
Notes:
1) Not to scale
2) Dimensions in inches
3) (Dimensions in millimeters)
4) For D & E add for allowable Mold Protrusion 0.010"
e: (lead coplanarity)
General-10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com