Electronic Components Datasheet Search
  English  ▼

X  

MT93L16 Datasheet(PDF) 25 Page - Mitel Networks Corporation

Part # MT93L16
Description  CMOS Low-Voltage Acoustic Echo Canceller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT93L16 Datasheet(HTML) 25 Page - Mitel Networks Corporation

Back Button MT93L16 Datasheet HTML 19Page - Mitel Networks Corporation MT93L16 Datasheet HTML 20Page - Mitel Networks Corporation MT93L16 Datasheet HTML 21Page - Mitel Networks Corporation MT93L16 Datasheet HTML 22Page - Mitel Networks Corporation MT93L16 Datasheet HTML 23Page - Mitel Networks Corporation MT93L16 Datasheet HTML 24Page - Mitel Networks Corporation MT93L16 Datasheet HTML 25Page - Mitel Networks Corporation MT93L16 Datasheet HTML 26Page - Mitel Networks Corporation MT93L16 Datasheet HTML 27Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 25 / 27 page
background image
Preliminary Information
MT93L16
25
Address:
03h Read
Firmware Revision Code Register
(FRC)
Power Up
Reset 00h
-
RESERVED
-
-
-
FRC0
Revision code of the firmware program currently being run (default=rom=00).
FRC1
FRC2
Address:
3fh R / W
Bootload RAM Control Register
(BRC)
Power Up
Reset 00h
C0
RESERVED. Must be set to zero.
C1
RESERVED. Must be set to zero.
C2
BOOT bit. When high, puts device in bootload mode. When low, bootload is disabled.
C3
RAM_ROMb bit. When high, device executes from RAM. When low, device executes from ROM.
-
-
RESERVED
-
Address:
07h Read
Bootload RAM Signature Register
(SIG)
Power Up
Reset FFh
SIG7
This register provides the signature of the bootloaded data to verify error-free delivery into the device.
Note: this register is only accessible if BOOT bit is high (bootload mode enabled) in the above BRC register. While
bootload is disabled, the register value is held constant at its reset seed value of FFh.
SIG6
SIG5
SIG4
SIG3
SIG2
SIG1
SIG0
76
5
0
43
1
2
LSB
MSB
-
-
-
FRC2
FRC1
FRC0
-
-
76
5
0
43
1
2
LSB
MSB
BOOT
RAM_ROMb
-
-
-
-
-
-
76
5
0
43
1
2
SIG7
LSB
MSB
SIG6
SIG5
SIG4
SIG2
SIG1
SIG0
SIG3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com