Electronic Components Datasheet Search
  English  ▼

X  

MT93L16 Datasheet(PDF) 4 Page - Mitel Networks Corporation

Part # MT93L16
Description  CMOS Low-Voltage Acoustic Echo Canceller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT93L16 Datasheet(HTML) 4 Page - Mitel Networks Corporation

  MT93L16 Datasheet HTML 1Page - Mitel Networks Corporation MT93L16 Datasheet HTML 2Page - Mitel Networks Corporation MT93L16 Datasheet HTML 3Page - Mitel Networks Corporation MT93L16 Datasheet HTML 4Page - Mitel Networks Corporation MT93L16 Datasheet HTML 5Page - Mitel Networks Corporation MT93L16 Datasheet HTML 6Page - Mitel Networks Corporation MT93L16 Datasheet HTML 7Page - Mitel Networks Corporation MT93L16 Datasheet HTML 8Page - Mitel Networks Corporation MT93L16 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
MT93L16
Preliminary Information
4
Functional Description
The MT93L16 device contains two echo cancellers,
as well as the many control functions necessary to
operate the echo cancellers. One canceller is for
acoustic speaker to microphone echo, and one for
line echo cancellation. The MT93L16 provides clear
signal transmission in both audio path directions to
ensure reliable voice communication, even with low
level signals. The MT93L16 does not use variable
attenuators during double-talk or single-talk periods
of
speech,
as
do
many
other
acoustic
echo
cancellers
for
speaker-phones.
Instead,
the
MT93L16 provides high performance full-duplex
operation similar to network echo cancellers, so that
users experience clear speech and un-interrupted
background signals during the conversation. This
prevents
subjective
sound
quality
problems
associated with “noise gating” or “noise contrasting”.
The MT93L16 uses an advanced adaptive filter
algorithm that is double-talk stable, which means
that convergence takes place even while both parties
are talking 1. This algorithm allows continual tracking
of changes in the echo path, regardless of double-
talk, as long as a reference signal is available for the
echo canceller.
(1. Patent Pending)
The echo tail cancellation capability of the acoustic
echo canceller has been sized appropriately (112ms)
to cancel echo in an average sized office with a
reverberation time of less than 112ms. The 16ms line
echo canceller is sufficient to ensure a high ERLE for
most line circuits.
In addition to the echo cancellers, the following
functions are supported:
•
Control of adaptive filter convergence speed
during periods of double-talk, far end single-
talk, and near-end echo path changes.
•
Control of Non-Linear Processor thresholds for
suppression of residual non-linear echo.
•
Howling detector to identify when instability is
starting to occur, and to take action to prevent
oscillation.
•
Narrow-Band Detector for preventing adaptive
filter divergence caused by narrow-band signals
•
Offset Nulling filters for removal of DC
components in PCM channels.
•
Limiters that introduce controlled saturation
levels.
•
Serial controller interface compatible with
Motorola, National and Intel microcontrollers.
•
PCM encoder/decoder compatible with
µ/A-
Law ITU-T G.711,
µ/A-Law Sign-Mag or linear
2’s complement coding.
•
Automatic gain control on the receive speaker
path.
Adaptation Speed Control
The adaptation speed of the acoustic echo canceller
is designed to optimize the convergence speed
versus divergence caused by interfering near-end
signals. Adaptation speed algorithm takes into
account many different factors such as relative
double-talk condition, far end signal power, echo
path change, and noise levels to achieve fast
convergence.
Advanced Non-Linear Processor (ADV-NLP)2
(2. Patent Pending)
After echo cancellation, there is likely to be residual
echo which needs to be removed so that it will not be
audible. The MT93L16 uses an NLP to remove low
level residual echo signals which are not comprised
of background noise. The operation of the NLP
depends upon a dynamic activation threshold, as
well as a double-talk detector which disables the
NLP during double-talk periods.
The MT93L16 keeps the perceived noise level
constant,
without
the
need
for
any
variable
attenuators or gain switching that causes audible
“noise gating”. The noise level is constant and
identical to the original background noise even when
the NLP is activated.
For each audio path, the NLP can be disabled by
setting the NLP- bit to 1 in the LEC or AEC control
registers.
Narrow Band Signal Detector (NBSD) 3
(3. Patent Pending)
Single or multi-frequency tones (e.g. DTMF, or
signalling tones) present in the reference input of an
echo canceller for a prolonged period of time may
cause the adaptive filter to diverge. The Narrow
Band Signal Detector (NBSD) is designed to prevent
this divergence by detecting single or multi-tones of
arbitrary frequency, phase, and amplitude. When
narrow
band
signals
are
detected,
the
filter
adaptation process is stopped but the echo canceller
continues to cancel echo.
The NBSD can be disabled by setting the NB- bit to 1
in the MC control registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com