Electronic Components Datasheet Search
  English  ▼

X  

SA8281 Datasheet(PDF) 4 Page - Mitel Networks Corporation

Part # SA8281
Description  Three-Phase PWM Waveform Generator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SA8281 Datasheet(HTML) 4 Page - Mitel Networks Corporation

  SA8281 Datasheet HTML 1Page - Mitel Networks Corporation SA8281 Datasheet HTML 2Page - Mitel Networks Corporation SA8281 Datasheet HTML 3Page - Mitel Networks Corporation SA8281 Datasheet HTML 4Page - Mitel Networks Corporation SA8281 Datasheet HTML 5Page - Mitel Networks Corporation SA8281 Datasheet HTML 6Page - Mitel Networks Corporation SA8281 Datasheet HTML 7Page - Mitel Networks Corporation SA8281 Datasheet HTML 8Page - Mitel Networks Corporation SA8281 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
SA828
4
Fig. 3 Asynchronous PWM generation with‘double-edged’ regular sampling as used by the SA828
t1
ALE
t4
t3
t2
t8
t10
t11
t9
t12
RD
WR
AD0-AD7
CS
LATCH ADDRESS
LATCH DATA
t15
t4
t3
t8
t10
t11
t9
t12
DS
R/W
AD0-AD7
CS
LATCH ADDRESS
LATCH DATA
t1
AS
t2
t5
t6
t7
t15
+1
– 1
+1
– 1
RESULTING
PWM
WAVEFORM
0
0
PWM SWITCHING
INSTANTS
TRIANGLE WAVE AT
CARRIER FREQUENCY,
SAMPLING ON +VE AND – VE PEAKS
POWER WAVEFORM
AS READ FROM
INTERNAL ROM
Fig. 5 Motorola bus timing definitions
Parameter
AS high period
Delay time, as low to DS high
DS high period
Delay time, DS low to AS high
DS low period
DS high to R/W low setup time
R/W hold time
CS setup time
CS hold time
Address setup time
Address hold time
Write data setup time
Write data hold time
Symbol
t1
t2
t3
t4
t5
t6
t7
t8
t9
t10
t15
t11
t12
Min.
90
40
210
40
200
10
10
20
0
30
30
110
30
Table 2 Motorola bus timings at VDD = 5V, TAMB = +25°C
Units
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
Fig. 4 Intel bus timing definitions
Parameter
ALE high period
Delay time, ALE to WR
WR low period
Delay time, WR high to ALE high
CS setup time
CS hold time
Address setup time
Address hold time
Data setup time
Data hold time
Symbol
t1
t2
t3
t4
t8
t9
t10
t15
t11
t12
Min.
70
40
200
40
20
0
30
30
100
25
Table 1 Intel bus timings at VDD = 5V, TAMB = +25°C
Units
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com